Electronic Components Datasheet Search
  English  ▼

X  

AD7606 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7606
Description  8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7606 Datasheet HTML 15Page - Analog Devices AD7606 Datasheet HTML 16Page - Analog Devices AD7606 Datasheet HTML 17Page - Analog Devices AD7606 Datasheet HTML 18Page - Analog Devices AD7606 Datasheet HTML 19Page - Analog Devices AD7606 Datasheet HTML 20Page - Analog Devices AD7606 Datasheet HTML 21Page - Analog Devices AD7606 Datasheet HTML 22Page - Analog Devices AD7606 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AD7606/AD7606-6/AD7606-4
Rev. 0 | Page 19 of 36
4
3
2
1
0
–1
–2
–3
–40
–25
–10
5
20
35
50
65
80
–4
TEMPERATURE (°C)
200kSPS
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
5V RANGE
10V RANGE
Figure 23. Bipolar Zero Code Error Matching Between Channels
–40
–50
–60
–70
–80
–90
–100
–110
1k
100k
10k
–120
INPUT FREQUENCY (Hz)
±10V RANGE
AVCC, VDRIVE = +5V
FSAMPLE = 200kSPS
RSOURCE MATCHED ON Vx AND VxGND INPUTS
105k
Ω
48.7k
Ω
23.7k
Ω
10k
Ω
5k
Ω
1.2k
Ω
100
Ω
51
Ω
0
Ω
Figure 24. THD vs. Input Frequency for Various Source Impedances,
±10 V Range
1k
100k
10k
INPUT FREQUENCY (Hz)
±5V RANGE
AVCC, VDRIVE = +5V
FSAMPLE = 200kSPS
RSOURCE MATCHED ON Vx AND VxGND INPUTS
105k
Ω
48.7k
Ω
23.7k
Ω
10k
Ω
5k
Ω
1.2k
Ω
100
Ω
51
Ω
0
Ω
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 25. THD vs. Input Frequency for Various Source Impedances,
±5 V Range
98
96
94
92
90
88
86
84
82
10
100k
10k
1k
100
80
INPUT FREQUENCY (Hz)
NO OS
OS BY 2
OS BY 4
OS BY 8
OS BY 16
OS BY 32
OS BY 64
AVCC, VDRIVE = 5V
FSAMPLE CHANGES WITH OS RATE
TA = 25°C
INTERNAL REFERENCE
±5V RANGE
Figure 26. SNR vs. Input Frequency for Different Oversampling Rates, ±5 V Range
100
98
96
94
92
90
88
86
84
82
10
100k
10k
1k
100
80
INPUT FREQUENCY (Hz)
NO OS
OS BY 2
OS BY 4
OS BY 8
OS BY 16
OS BY 32
OS BY 64
AVCC, VDRIVE = 5V
FSAMPLE CHANGES WITH OS RATE
TA = 25°C
INTERNAL REFERENCE
±10V RANGE
Figure 27. SNR vs. Input Frequency for Different Oversampling Rates, ±10 V Range
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
160
140
120
100
80
60
40
20
–140
NOISE FREQUENCY (kHz)
±10V RANGE
±5V RANGE
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
AD7606 RECOMMENDED DECOUPLING USED
FSAMPLE = 150kSPS
TA = 25°C
INTERFERER ON ALL UNSELECTED CHANNELS
Figure 28. Channel-to-Channel Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com