Electronic Components Datasheet Search
  English  ▼

X  

ADF5002BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADF5002BCPZ
Description  4GHz to 18GHz Divide-by-8 Prescaler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5002BCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADF5002BCPZ Datasheet HTML 1Page - Analog Devices ADF5002BCPZ Datasheet HTML 2Page - Analog Devices ADF5002BCPZ Datasheet HTML 3Page - Analog Devices ADF5002BCPZ Datasheet HTML 4Page - Analog Devices ADF5002BCPZ Datasheet HTML 5Page - Analog Devices ADF5002BCPZ Datasheet HTML 6Page - Analog Devices ADF5002BCPZ Datasheet HTML 7Page - Analog Devices ADF5002BCPZ Datasheet HTML 8Page - Analog Devices ADF5002BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADF5002
Rev. 0 | Page 5 of 12
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE MUST BE
CONNECTED TO GND.
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
GND
2
RFIN
3
GND
4
GND
11 RFOUT
12 GND
10 RFOUT
9GND
TOP VIEW
(Not to Scale)
ADF5002
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 5, 8, 9,
12, 13, 16
GND
RF Ground. All ground pins should be tied together.
2
RFIN
Single-Ended 50 Ω Input to the RF Prescaler. This pin is ac-coupled internally via a 3 pF capacitor.
6
NC
No Connect. This pin can be left unconnected.
7
CE
Chip Enable. This pin is active high. When CE is brought low, the part enters power-down mode. If this
functionality is not required, the pin can be left unconnected because it is pulled up internally through
a weak pull-up resistor.
10
RFOUT
Divided-Down Output of the Prescaler. This pin has an internal 100 Ω load resistor tied to VDD2 and an
ac-coupling capacitor of 1 pF.
11
RFOUT
Complementary Divided-Down Output of the Prescaler. This pin has an internal 100 Ω load resistor tied
to VDD2 and an ac-coupling capacitor of 1 pF.
14
VDD2
Voltage Supply for the Output Stage. This pin should be decoupled to ground with a 0.1 μF capacitor in
parallel with a 10 pF capacitor and can be tied directly to VDD1.
15
VDD1
Voltage Supply for the Input Stage and Divider Block. This pin should be decoupled to ground with a
0.1 μF capacitor in parallel with a 10 pF capacitor.
EPAD
The LFCSP has an exposed paddle that must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com