Electronic Components Datasheet Search
  English  ▼

X  

ADL5535 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5535
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5535 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5535 Datasheet HTML 5Page - Analog Devices ADL5535 Datasheet HTML 6Page - Analog Devices ADL5535 Datasheet HTML 7Page - Analog Devices ADL5535 Datasheet HTML 8Page - Analog Devices ADL5535 Datasheet HTML 9Page - Analog Devices ADL5535 Datasheet HTML 10Page - Analog Devices ADL5535 Datasheet HTML 11Page - Analog Devices ADL5535 Datasheet HTML 12Page - Analog Devices ADL5535 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADL5535
Rev. 0 | Page 9 of 16
–100
–90
–80
–70
–60
–50
–40
–30
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
THIRD HARMONIC
SECOND HARMONIC
Figure 9. Single-Tone Harmonics vs. Frequency, POUT = 0 dBm
0
10
20
30
40
50
60
70
80
90
100
15.5
15.7
15.9
16.1
16.3
16.5
16.7
GAIN (dB)
Figure 10. Gain Distribution at 190 MHz
0
5
10
15
20
25
30
18.3
18.5
18.7
18.9
19.1
19.3
19.5
P1dB (dBm)
Figure 11. P1dB Distribution at 190 MHz
0
5
10
15
20
25
30
35
40
40
41
42
43
44
45
46
47
48
49
50
51
52
OIP3 (dBm)
Figure 12. OIP3 Distribution at 190 MHz, POUT = 3 dBm
0
10
20
30
40
50
60
70
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
NOISE FIGURE (dB)
Figure 13. Noise Figure Distribution at 190 MHz
70
75
80
85
90
95
100
105
110
115
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
5.25V
4.75V
5.00V
Figure 14. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com