Electronic Components Datasheet Search
  English  ▼

X  

ADXRS652 Datasheet(PDF) 3 Page - Analog Devices

Part # ADXRS652
Description  짹250째/sec Yaw Rate Gyro
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS652 Datasheet(HTML) 3 Page - Analog Devices

  ADXRS652 Datasheet HTML 1Page - Analog Devices ADXRS652 Datasheet HTML 2Page - Analog Devices ADXRS652 Datasheet HTML 3Page - Analog Devices ADXRS652 Datasheet HTML 4Page - Analog Devices ADXRS652 Datasheet HTML 5Page - Analog Devices ADXRS652 Datasheet HTML 6Page - Analog Devices ADXRS652 Datasheet HTML 7Page - Analog Devices ADXRS652 Datasheet HTML 8Page - Analog Devices ADXRS652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADXRS652
Rev. 0 | Page 3 of 12
SPECIFICATIONS
All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
TA = −40°C to +85°C, VS = AVCC = VDD = 5 V, VRATIO = AVCC, angular rate = 0°/sec, bandwidth = 80 Hz (COUT = 0.01 μF), IOUT = 100 μA,
±1 g, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SENSITIVITY1
Clockwise rotation is positive output
Measurement Range2
Full-scale range over specifications range
±250
±300
°/sec
Initial and Over Temperature
−40°C to +85°C
7.0
mV/°/sec
Temperature Drift3
±2
%
Nonlinearity
Best fit straight line
0.1
% of FS
NULL1
Null
−40°C to +85°C
2.5
V
Linear Acceleration Effect
Any axis
0.1
°/sec/g
NOISE PERFORMANCE
Rate Noise Density
TA ≤ 25°C
0.06
°/sec/√Hz
FREQUENCY RESPONSE
Bandwidth4
0.01
2500
Hz
Sensor Resonant Frequency
14.5
kHz
SELF-TEST1
ST1 RATEOUT Response
ST1 pin from Logic 0 to Logic 1
−525
mV
ST2 RATEOUT Response
ST2 pin from Logic 0 to Logic 1
525
mV
ST1 to ST2 Mismatch5
−5
+5
%
Logic 1 Input Voltage
3.3
V
Logic 0 Input Voltage
1.7
V
Input Impedance
To common
40
50
100
TEMPERATURE SENSOR1
VOUT at 25°C
Load = 10 MΩ
2.5
V
Scale Factor6
25°C, VRATIO = 5 V
9
mV/°C
Load to VS
25
Load to Common
25
TURN-ON TIME
Power on to ±½°/sec of final
50
ms
OUTPUT DRIVE CAPABILITY
Current Drive
For rated specifications
200
μA
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage (VS)
4.75
5.00
5.25
V
Quiescent Supply Current
3.5
4.5
mA
TEMPERATURE RANGE
Specified Performance
−40
+85
°C
1 Parameter is linearly ratiometric with VRATIO.
2 Measurement range is the maximum range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supplies.
3 From +25°C to −40°C or +25°C to +85°C.
4 Adjusted by external capacitor, COUT. Reducing bandwidth below 0.01 Hz does not result in further noise improvement.
5 Self-test mismatch is described as (ST2 + ST1)/((ST2 − ST1)/2).
6 Scale factor for a change in temperature from 25°C to 26°C. VTEMP is ratiometric to VRATIO. See the
section for more information.
Temperature Output and Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com