Electronic Components Datasheet Search
  English  ▼

X  

TCLT1002 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCLT1002
Description  Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1002 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCLT1002 Datasheet HTML 1Page - Vishay Siliconix TCLT1002 Datasheet HTML 2Page - Vishay Siliconix TCLT1002 Datasheet HTML 3Page - Vishay Siliconix TCLT1002 Datasheet HTML 4Page - Vishay Siliconix TCLT1002 Datasheet HTML 5Page - Vishay Siliconix TCLT1002 Datasheet HTML 6Page - Vishay Siliconix TCLT1002 Datasheet HTML 7Page - Vishay Siliconix TCLT1002 Datasheet HTML 8Page - Vishay Siliconix TCLT1002 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 83515
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.2, 21-Nov-07
3
TCLT10..Series
Optocoupler, Phototransistor Output,
SOP-4L, Long Mini-Flat Package
Vishay Semiconductors
Note
According to DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending (see figure 1). This optocoupler is suitable for safe electrical isolation
only within the safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 5 mA
TCLT1000
CTR
50
600
%
VCE = 5 V, IF = 10 mA
TCLT1002
CTR
63
125
%
TCLT1003
CTR
100
200
%
VCE = 5 V, IF = 1 mA
TCLT1002
CTR
22
45
%
TCLT1003
CTR
34
70
%
TCLT1004
CTR
56
100
%
VCE = 5 V, IF = 5 mA
TCLT1005
CTR
50
150
%
TCLT1006
CTR
100
300
%
TCLT1007
CTR
80
160
%
TCLT1008
CTR
130
260
%
TCLT1009
CTR
200
400
%
MAXIMUM SAFETY RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward current
IF
130
mA
OUTPUT
Power dissipation
Pdiss
265
mW
COUPLER
Rated impulse voltage
VIOTM
8kV
Safety temperature
Tsi
150
°C
INSULATION RATED PARAMETERS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
2kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
8kV
Vpd
1.68
kV
Insulation resistance
VIO = 500 V
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com