Electronic Components Datasheet Search
  English  ▼

X  

VO0601T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VO0601T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO0601T Datasheet(HTML) 2 Page - Vishay Siliconix

  VO0601T Datasheet HTML 1Page - Vishay Siliconix VO0601T Datasheet HTML 2Page - Vishay Siliconix VO0601T Datasheet HTML 3Page - Vishay Siliconix VO0601T Datasheet HTML 4Page - Vishay Siliconix VO0601T Datasheet HTML 5Page - Vishay Siliconix VO0601T Datasheet HTML 6Page - Vishay Siliconix VO0601T Datasheet HTML 7Page - Vishay Siliconix VO0601T Datasheet HTML 8Page - Vishay Siliconix VO0601T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 84607
914
Rev. 1.7, 06-Oct-08
VO0600T, VO0601T, VO0611T, VO0630T, VO0631T, VO0661T
Vishay Semiconductors
High Speed Optocoupler,
10 MBd, SOIC-8 Package
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices.
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Average forward current (single channel)
IF
20
mA
Average forward current (dual channel)
IF
15
mA
Reverse input voltage
VR
5V
Enable input voltage (single channel)
VE
VCC + 0.5 V
V
Enable input current (single channel)
IE
5mA
Surge current
t = 100 µs
IFSM
200
mA
Output power dissipation (single channel)
Pdiss
35
mW
Output power dissipation
(per channel for dual channel)
Pdiss
25
mW
OUTPUT
Supply voltage
1 min maximum
VCC
7V
Output current
IO
50
mA
Output voltage
VO
7V
Output power dissipation (single channel)
Pdiss
85
mW
Output power dissipation
(per channel for dual channel)
Pdiss
60
mW
COUPLER
Isolation test voltage
t = 1.0 s
VISO
4000
VRMS
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 40 to + 100
°C
Lead solder temperature
for 10 s
260
°C
Solder reflow temperature (2)
for 1 min
260
°C
RECOMMENDED OPERATING CONDITION
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Operating temperature
Tamb
- 40
100
°C
Supply voltage
VCC
4.5
5.5
V
Input current low level
IFL
0
250
µA
Input current high level
IFH
515
mA
Output pull up resistor
RL
330
4K
Ω
Logic high enable voltage
VEH
2.0
VCC
V
Logic low enable voltage
VEL
0.0
0.8
V
Fanout
RL = 1 kΩ
N5
-
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Input forward voltage
IF = 10 mA
VF
1.1
1.4
1.7
V
Reverse current
VR = 5 V
IR
0.01
10
µA
Input capacitance
f = 1 MHz, VF = 0 V
CI
55
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com