Electronic Components Datasheet Search
  English  ▼

X  

TPC6012 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPC6012
Description  Notebook PC Applications Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6012 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC6012 Datasheet HTML 1Page - Toshiba Semiconductor TPC6012 Datasheet HTML 2Page - Toshiba Semiconductor TPC6012 Datasheet HTML 3Page - Toshiba Semiconductor TPC6012 Datasheet HTML 4Page - Toshiba Semiconductor TPC6012 Datasheet HTML 5Page - Toshiba Semiconductor TPC6012 Datasheet HTML 6Page - Toshiba Semiconductor TPC6012 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC6012
2009-08-26
3
Marking (Note 5)
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a) (t
= 5 s)
(b) Device mounted on a glass-epoxy board (b) (t
= 5 s)
Note 3: VDD = 16 V, Tch = 25°C (initial), L = 0.2 mH, RG = 25 Ω, IAR = 3 A
Note 4:
• on lower left of the marking indicates Pin 1.
Note 5: A dot marking for identifying the indication of product Labels.
Without a dot: [[Pb]]/INCLUDES > MCV
With a dot: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
Part No.
(or abbreviation code)
S2M
Note 5
Lot code (month)
Lot No.
Pin #1
Lot code
(year)
Product-specific code
(a)
FR-4
25.4
× 25.4 × 0.8
(単位: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(単位: mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com