Electronic Components Datasheet Search
  English  ▼

X  

TPC6113 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC6113
Description  Lithium Ion Battery Applications Power Management Switch Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6113 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC6113 Datasheet HTML 1Page - Toshiba Semiconductor TPC6113 Datasheet HTML 2Page - Toshiba Semiconductor TPC6113 Datasheet HTML 3Page - Toshiba Semiconductor TPC6113 Datasheet HTML 4Page - Toshiba Semiconductor TPC6113 Datasheet HTML 5Page - Toshiba Semiconductor TPC6113 Datasheet HTML 6Page - Toshiba Semiconductor TPC6113 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC6113
2009-12-26
5
20
VDS
VGS
−4
−8
VDD = −16 V
0
4
16
0
−2
−6
−4
−10
−8
0
−4
−12
−8
−20
−16
812
80
160
120
−80
−40
0
40
0
−1.5
−0.5
−1
Ciss
Coss
Crss
1000
10000
−0.1
−1
−10
−100
−4
−2
VGS = 0 V
−1
0
0.4
1.2
1.6
2
−1
−10
−100
VGS = −4.5 V
0
50
200
−80
−40
0
40
80
120
160
VGS = −2.5 V
(1)
(2)
0
0.5
1
1.5
2
0
40
80
160
120
2.5
0.8
150
100
ID = −1.25, −2.5, −5 A
ID = −1.25, −2.5, −5 A
100
10
RDS (ON) – Ta
IDR – VDS
Vth – Ta
PD – Ta
Common source
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Common source
VDS = −10 V
ID = −0.2 mA
Pulse test
Common source
ID = −5 A
Ta
= 25°C
Pulse test
Ambient temperature Ta (°C)
Drain
−source voltage VDS (V)
Drain
−source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
Dynamic input/output
characteristics
(1)Device mounted on a glass-epoxy
board(a) (Note 2a)
(2)Device mounted on a glass-epoxy
board(b) (Note 2b)
t
= 5 s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com