Electronic Components Datasheet Search
  English  ▼

X  

TPCA8128 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCA8128
Description  Lithium Ion Battery Applications Power Management Switch Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8128 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCA8128 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8128 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8128 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8128 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8128 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8128 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8128 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCA8128
2010-01-07
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case (Tc = 25 ℃)
Rth (ch-c)
2.78
°C/W
Thermal resistance, channel to ambient
(t
= 10 s) (Note 2a)
Rth (ch-a)
44.6
Thermal resistance, channel to ambient
(t
= 10 s) (Note 2b)
Rth (ch-a)
78.1
°C/W
Marking (Note 4)
Note 1: The channel temperature should not exceed 150°C during use.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = −24 V, Tch = 25°C (initial), L = 100 μH, RG = 25 Ω, IAR = −34 A
Note 4: ※ Weekly code:
(Three digits)
Week of manufacture
(01 for first week of a year, continues up to 52 or 53)
Year of manufacture
(The last digit of the calendar year)
※
TPCA
8128
Lot No.
Type
(a)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com