Electronic Components Datasheet Search
  English  ▼

X  

TPCC8009 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCC8009
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCC8009 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCC8009 Datasheet HTML 1Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 2Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 3Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 4Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 5Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 6Page - Toshiba Semiconductor TPCC8009 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCC8009
2010-01-05
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSⅣ)
TPCC8009
Lithium Ion Battery Applications
Notebook PC Applications
Portable Equipment Applications
• Small footprint due to a small and thin package
• Low drain-source ON-resistance:
RDS (ON) = 5 mΩ (typ.) ( VGS = 10 V)
• Low leakage current: IDSS = 10 μA (max) (VDS = 30 V)
• Enhancement mode: Vth = 2.0 to 3.0 V (VDS = 10 V, ID = 0.2 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
24
Drain current
Pulsed (Note 1)
IDP
72
A
Drain power dissipation (Tc = 25℃)
PD
27
W
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
1.9
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
0.7
W
Single-pulse avalanche energy
(Note 3)
EAS
75
mJ
Avalanche current
IAR
24
A
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 3, refer to the next page.
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability
Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
⎯
JEITA
⎯
TOSHIBA
2-3X1A
Weight: 0.02 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4
1,2,3:SOURCE 4:GATE
5,6,7,8:DRAIN


Similar Part No. - TPCC8009

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCC8009 TOSHIBA-TPCC8009 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPCC8009

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Nov-2006
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Jan-2007
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Jan-2007
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Jan-2007
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Nov-2006
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com