Electronic Components Datasheet Search
  English  ▼

X  

TSV611 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSV611
Description  Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV611 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSV611 Datasheet HTML 2Page - STMicroelectronics TSV611 Datasheet HTML 3Page - STMicroelectronics TSV611 Datasheet HTML 4Page - STMicroelectronics TSV611 Datasheet HTML 5Page - STMicroelectronics TSV611 Datasheet HTML 6Page - STMicroelectronics TSV611 Datasheet HTML 7Page - STMicroelectronics TSV611 Datasheet HTML 8Page - STMicroelectronics TSV611 Datasheet HTML 9Page - STMicroelectronics TSV611 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
TSV611, TSV611A, TSV612, TSV612A
6/19
Doc ID 15768 Rev 2
Table 5.
VCC+ = +5 V, VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, RL connected to VCC/2
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV61x
TSV61xA
4
0.8
mV
Tmin<Top<Tmax TSV61x
Tmin<Top<Tmax TSV61xA
5
2
DVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current
110(1)
pA
Tmin. < Top < Tmax.
1
100
pA
Iib
Input bias current
110(1)
pA
Tmin. < Top < Tmax.
1
100
pA
CMR
Common mode rejection
ratio 20 log (
ΔVic/ΔVio)
0V to 5V, Vout = 2.5 V
64
80
dB
Tmin. < Top < Tmax.
63
dB
SVR
Supply voltage rejection
ratio 20 log (
ΔVcc/ΔVio)
Vcc = 1.8 to 5 V
76
93
dB
Tmin. < Top < Tmax.
74
dB
Avd
Large signal voltage gain
RL =10 kΩ, Vout = 0.5 V to
4.5 V
88
93
dB
Tmin<Top<Tmax
85
dB
VOH
High level output voltage
RL =10 kΩ
Tmin. < Top < Tmax.
35
50
7
mV
VOL
Low level output voltage
RL =10 kΩ
Tmin. < Top < Tmax.
16
35
50
mV
Iout
Isink
Vo = VCC
Tmin. < Top < Tmax.
52
42
57
mA
Isource
Vo = 0 V
Tmin. < Top < Tmax.
58
49
63
ICC
Supply current (per
operator)
No load, Vout =VCC/2
7.5
10.5
14
µA
Tmin. < Top < Tmax.
715
µA
AC performance
GBP
Gain bandwidth product
RL =10 kΩ, CL = 20 pF
120
kHz
φm
Phase margin
RL = 10 kΩ, CL =20 pF
62
Degrees
Gm
Gain margin
RL = 10 kΩ, CL =20 pF
10
dB
SR
Slew rate
RL =10 kΩ, CL = 20 pF,
Vout = 0.5V to 4.5V
0.04
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com