Electronic Components Datasheet Search
  English  ▼

X  

TSV611A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV611A
Description  Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV611A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV611A Datasheet HTML 6Page - STMicroelectronics TSV611A Datasheet HTML 7Page - STMicroelectronics TSV611A Datasheet HTML 8Page - STMicroelectronics TSV611A Datasheet HTML 9Page - STMicroelectronics TSV611A Datasheet HTML 10Page - STMicroelectronics TSV611A Datasheet HTML 11Page - STMicroelectronics TSV611A Datasheet HTML 12Page - STMicroelectronics TSV611A Datasheet HTML 13Page - STMicroelectronics TSV611A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Application information
TSV611, TSV611A, TSV612, TSV612A
10/19
Doc ID 15768 Rev 2
3
Application information
3.1
Operating voltages
The TSV61x can operate from 1.5 to 5.5 V. Their parameters are fully specified for 1.8, 3.3
and 5 V power supplies. However, the parameters are very stable in the full VCC range and
several characterization curves show the TSV61x characteristics at 1.5 V. Additionally, the
main specifications are guaranteed in extended temperature ranges from -40° C to +85° C.
3.2
Rail-to-rail input
The TSV61x are built with two complementary PMOS and NMOS input differential pairs.
The devices have a rail-to-rail input, and the input common mode range is extended from
VCC- -0.1 V to VCC+ +0.1 V. The transition between the two pairs appears at VCC+ -0.7 V. In
the transition region, the performance of CMRR, PSRR, Vio and THD is slightly degraded
(as shown in Figure 17 and Figure 18 for Vio vs. Vicm).
The device is guaranteed without phase reversal.
3.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: less than 35 mV above
GND rail and less than 35 mV below VCC rail when connected to 10 kΩ load to VCC/2.
3.4
Driving resistive and capacitive loads
These products are micro-power, low-voltage operational amplifiers optimized to drive rather
large resistive loads, above 10 k
Ω. For lower resistive loads, the THD level may significantly
increase.
Figure 17.
Input offset voltage vs input
common mode at VCC = 1.5 V
Figure 18.
Input offset voltage vs input
common mode at VCC = 5 V
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
1.2
1.2
1.4
1.4
-1.5
-1.5
-1.0
-1.0
-0.5
-0.5
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
Input Common Mode Voltage (V)
0.0
0.0
1.0
1.0
2.0
2.0
3.0
3.0
4.0
4.0
5.0
5.0
-1.0
-1.0
-0.8
-0.8
-0.6
-0.6
-0.4
-0.4
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
1.2
1.2
1.4
1.4
Input Common Mode Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com