Electronic Components Datasheet Search
  English  ▼

X  

R53CS710015Z Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # R53CS710015Z
Description  Terminals 6.3 x 0.8, 4.8 x 0.5mm Sn or Ni plate, Housing: Thermoset, Cap: SS or Al, Loose Bracket, Terminals Horizontal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R53CS710015Z Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  R53CS710015Z Datasheet HTML 1Page - List of Unclassifed Manufacturers R53CS710015Z Datasheet HTML 2Page - List of Unclassifed Manufacturers R53CS710015Z Datasheet HTML 3Page - List of Unclassifed Manufacturers R53CS710015Z Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902 • E-mail: sales@cantherm.com
Website: www.cantherm.com | Division of Microtherm
BIMETAL
CUTOUTS
R53
R54
R55
R
caps
Ordering and marking example
2010/March R53
• Deviations from standard controls (caps, terminals, fixings) on request.
• Especially for electronic applications with voltage 6…120 Vac / 6…30 Vdc and current 10…100 mA, gold crossbar contacts are available.
• Single operation devices (SOD) are available up to 150ºC or with reset temperature -35ºC (type B-2).
Cap in standard execution, material aluminium (code D)
Cap for fixed mounting stainless steel (code F)
Exposed bimetal cap (code FX)
Ordering example
Marking example
CS-7S R100U norm. closed response temperature
CS710025Y manufacture code
2250
date of manufacture
R53 CS7 100 2 5 Y __ __
Mounting Bracket D is Std.
Optional Terminals Y1 & Z1 are standard
Terminals Y= .25” QC Horz. Z=.25” QC Vert.
Tolerance 5= +/- 5ºC
Contact Configuration 1=NO 2=NC
Response Temperature in ºC
Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com