Electronic Components Datasheet Search
  English  ▼

X  

PSMN034-100PS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN034-100PS
Description  N-channel 100 V 34.5 m廓 standard level MOSFET in TO220.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN034-100PS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN034-100PS Datasheet HTML 4Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 5Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 6Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 7Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 8Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 9Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 10Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 11Page - NXP Semiconductors PSMN034-100PS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PSMN034-100PS_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 02 — 1 March 2010
8 of 15
NXP Semiconductors
PSMN034-100PS
N-channel 100 V 34.5 m
Ω standard level MOSFET in TO220.
Fig 9.
Gate-source threshold voltage as a function of
junction temperature
Fig 10. Sub-threshold drain current as a function of
gate-source voltage
Fig 11. Normalized drain-source on-state resistance
factor as a function of junction temperature
Fig 12. Gate charge waveform definitions
Tj (°C)
−60
180
120
060
003aad280
2
3
1
4
5
VGS(th)
(V)
0
max
typ
min
03aa35
VGS (V)
06
4
2
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
min
typ
max
003aad774
0
0.8
1.6
2.4
3.2
-60
0
60
120
180
Tj (°C)
a
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com