Electronic Components Datasheet Search
  English  ▼

X  

TSV6393A Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSV6393A
Description  MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6393A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSV6393A Datasheet HTML 17Page - STMicroelectronics TSV6393A Datasheet HTML 18Page - STMicroelectronics TSV6393A Datasheet HTML 19Page - STMicroelectronics TSV6393A Datasheet HTML 20Page - STMicroelectronics TSV6393A Datasheet HTML 21Page - STMicroelectronics TSV6393A Datasheet HTML 22Page - STMicroelectronics TSV6393A Datasheet HTML 23Page - STMicroelectronics TSV6393A Datasheet HTML 24Page - STMicroelectronics TSV6393A Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
TSV639x, TSV639xA
Ordering information
Doc ID 16883 Rev 1
23/25
6
Ordering information
Table 16.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TSV6392ID/DT
-40° C to +125° C
SO-8
Tube and tape & reel
V6392I
TSV6392AID/DT
V632AI
TSV6392IST
MiniSO-8
Tape & reel
K111
TSV6392AIST
K146
TSV6392ILT
SOT23-8
Tape & reel
K111
TSV6393IST
MiniSO-10
Tape & reel
K111
TSV6393AIST
K145
TSV6394IPT
TSSOP-14
Tape & reel
V6394I
TSV6394AIPT
V6394AI
TSV6395IPT
TSSOP-16
Tape & reel
V6395I
TSV6395AIPT
V6395AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com