Electronic Components Datasheet Search
  English  ▼

X  

PUMZ1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUMZ1
Description  NPN/PNP general purpose transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMZ1 Datasheet(HTML) 2 Page - NXP Semiconductors

  PUMZ1 Datasheet HTML 1Page - NXP Semiconductors PUMZ1 Datasheet HTML 2Page - NXP Semiconductors PUMZ1 Datasheet HTML 3Page - NXP Semiconductors PUMZ1 Datasheet HTML 4Page - NXP Semiconductors PUMZ1 Datasheet HTML 5Page - NXP Semiconductors PUMZ1 Datasheet HTML 6Page - NXP Semiconductors PUMZ1 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004 Oct 15
2
NXP Semiconductors
Product data sheet
NPN/PNP general purpose transistors
PUMZ1
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 40 V)
• Reduces number of components and boardspace.
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
Two independently operating NPN/PNP transistors in an
SC-88; SOT363 plastic package.
MARKING
Note
1.
* = -: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
PUMZ1
F*Z
PIN
DESCRIPTION
1, 4
emitter
TR1; TR2
2, 5
base
TR1; TR2
3, 6
collector
TR2; TR1
Fig.1 Simplified outline (SC-88) and symbol.
handbook, halfpage
13
2
4
5
6
Top view
MAM341
13
2
TR1
TR2
6
4
5
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PUMZ1
−
plastic surface mounted package; 6 leads
SOT363



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com