Electronic Components Datasheet Search
  English  ▼

X  

PZTA14 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PZTA14
Description  NPN Darlington transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZTA14 Datasheet(HTML) 2 Page - NXP Semiconductors

  PZTA14 Datasheet HTML 1Page - NXP Semiconductors PZTA14 Datasheet HTML 2Page - NXP Semiconductors PZTA14 Datasheet HTML 3Page - NXP Semiconductors PZTA14 Datasheet HTML 4Page - NXP Semiconductors PZTA14 Datasheet HTML 5Page - NXP Semiconductors PZTA14 Datasheet HTML 6Page - NXP Semiconductors PZTA14 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1999 Apr 14
2
NXP Semiconductors
Product data sheet
NPN Darlington transistor
PZTA14
FEATURES
• High current (max. 500 mA)
• Low voltage (max. 30 V).
APPLICATIONS
• Pre-amplifiers requiring high input impedance.
DESCRIPTION
NPN Darlington transistor in a SOT223 plastic package.
PNP complement: PZTA64.
PINNING
PIN
DESCRIPTION
1
base/input
2, 4
collector/output
3
emitter/ground
Fig.1 Simplified outline (SOT223) and symbol.
handbook, halfpage
13
2
4
MAM319
TR2
2, 4
3
Top view
1
TR1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1.
Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see “Thermal considerations for SOT223 in the General Part of associated
Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
30
V
VCES
collector-emitter voltage
VBE = 0
−
30
V
VEBO
emitter-base voltage
open collector
−
10
V
IC
collector current (DC)
−
500
mA
ICM
peak collector current
−
800
mA
IB
base current (DC)
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
1.25
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com