Electronic Components Datasheet Search
  English  ▼

X  

SA56004X Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SA56004X
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004X Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SA56004X Datasheet HTML 12Page - NXP Semiconductors SA56004X Datasheet HTML 13Page - NXP Semiconductors SA56004X Datasheet HTML 14Page - NXP Semiconductors SA56004X Datasheet HTML 15Page - NXP Semiconductors SA56004X Datasheet HTML 16Page - NXP Semiconductors SA56004X Datasheet HTML 17Page - NXP Semiconductors SA56004X Datasheet HTML 18Page - NXP Semiconductors SA56004X Datasheet HTML 19Page - NXP Semiconductors SA56004X Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
16 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
Event C: The Status register bit 1 (RCRIT) is reset by a read of the Status register (in
the interrupt mode).
7.9.3 Fault Queue
To suppress erroneous ALERT or T_CRIT triggering, the SA56004X implements a Fault
Queue for both local and remote channel. The Fault Queue insures a temperature
measurement is genuinely beyond a HIGH, LOW or T_CRIT setpoint by not triggering
until three consecutive out-of-limit measurements have been made. The fault queue
defaults OFF upon POR and may be activated by setting bit 0 in the Configuration register
(address 09h) to logic 1.
Event A: The remote temperature has exceeded the Remote HIGH setpoint.
Event B: Three consecutive over limit measurements have been made exceeding the
Remote HIGH setpoint; the ALERT output is activated (goes LOW). By now, the remote
temp has exceeded the Remote T_CRIT setpoint (RCS).
Event C: Three consecutive over limit measurements have been made exceeding RCS;
the T_CRIT output is activated (goes LOW).
Event D: The remote temperature falls below the RCS
− TH setpoint.
Event E: The ALERT output is de-activated (goes HIGH) after a below_high_limit
temperature measurement is completed.
Remark: All events indicate the completion of a conversion.
Fig 8.
Fault queue remote HIGH and LOW and T_CRIT, T_CRIT hysteresis setpoint
response (comparator mode)
002aad218
remote temperature
RCS
RCS
− TH
remote HIGH setpoint
remote LOW setpoint
ALERT output
T_CRIT output
events
A
B
C
D
E
F
G
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com