Electronic Components Datasheet Search
  English  ▼

X  

SSL152X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL152X
Description  SMPS ICs for mains LED drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL152X Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL152X_09 Datasheet HTML 1Page - NXP Semiconductors SSL152X_09 Datasheet HTML 2Page - NXP Semiconductors SSL152X_09 Datasheet HTML 3Page - NXP Semiconductors SSL152X_09 Datasheet HTML 4Page - NXP Semiconductors SSL152X_09 Datasheet HTML 5Page - NXP Semiconductors SSL152X_09 Datasheet HTML 6Page - NXP Semiconductors SSL152X_09 Datasheet HTML 7Page - NXP Semiconductors SSL152X_09 Datasheet HTML 8Page - NXP Semiconductors SSL152X_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SSL152X_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 March 2009
4 of 17
NXP Semiconductors
SSL152x
SMPS ICs for low power systems
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration DIP8
Fig 3.
Pin configuration SO14
SSL1523P
VCC
DRAIN
GND
n.c.
RC
SOURCE
REG
AUX
014aaa340
1
2
3
4
6
5
8
7
SSL1522T
VCC
DRAIN
GND
n.c.
GND
n.c.
GND
SOURCE
GND
GND
RC
GND
REG
AUX
014aaa341
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3.
Pin description
Symbol
Pin
Description
DIP8
SO14
VCC
1
1
supply voltage
GND
2
2
ground
GND
-
3
ground
GND
-
4
ground
GND
-
5
ground
RC
3
6
frequency setting
REG
4
7
regulation input
AUX
5
8
input for voltage from auxiliary winding for timing
(demagnetization)
GND
-
9
ground
GND
-
10
ground
SOURCE
6
11
source of internal MOS switch
n.c.
7
12
not connected
n.c.
-
13
not connected
DRAIN
8
14
drain of internal MOS switch; input for start-up current and
valley sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com