Electronic Components Datasheet Search
  English  ▼

X  

FSM781S Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # FSM781S
Description  5-PHASE STEPPING SYSTEMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSM781S Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button FSM781S Datasheet HTML 2Page - Sanyo Semicon Device FSM781S Datasheet HTML 3Page - Sanyo Semicon Device FSM781S Datasheet HTML 4Page - Sanyo Semicon Device FSM781S Datasheet HTML 5Page - Sanyo Semicon Device FSM781S Datasheet HTML 6Page - Sanyo Semicon Device FSM781S Datasheet HTML 7Page - Sanyo Semicon Device FSM781S Datasheet HTML 8Page - Sanyo Semicon Device FSM781S Datasheet HTML 9Page - Sanyo Semicon Device FSM781S Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
5
5-phase STEPPING SYSTEMS
System configuration
AC input
Brake power source
(DC24V)
Electromagnetic
brake model
Damper
End-cap side
Harmonic gear model
Low-backlash gear
model
Spur gear model
Standard type
Motor flange size
□ 28
(□ 1.10inch)
Motor flange size
□ 42mm
( □ 1.65inch)/ □ 60mm
(□ 2.35inch)/ φ 86mm(φ 3.39inch)
Spur gear
Motor flange size
□ 28mm
(□ 1.10inch)/ □ 42mm
(□1.65inch)/ □ 60mm(□ 2.35inch)
/ φ86mm
(φ3.39inch)
Harmonic gear
Low backlash gear
Motor flange size
□ 42mm
(□ 1.65inch)/ □ 60mm
( □ 2.35inch)/ φ86mm(φ3.39inch)
Electromagnetic brake
●
A
AC power cable
■ Optional cables
●
B
Motor cable
L +50 mm(
feet
)
.016
.000
L +50 mm(
feet
)
.016
.000
L +50 mm(
feet
)
.016
.000
●
C
I/O signal cable
Flange side
Magnetic dampers can be
selected accordingtothe
required inertia.
Standard model : F series motor
□ 28mm
(□1.10inch)/□ 42mm( □1.65inch)
/ □ 60mm
(□ 2.35inch)/φ86mm
(φ3.39inch)
/φ106mm
(φ4.17inch)
CE / UL model : M series motor
□ 42mm
( □1.65inch)/□ 60mm(□ 2.35inch)
/φ86mmφ3.39inch
)/φ106mm(φ4.17inch)
● Motors are available in standard or vacuum
types.
Required for brake-equipped
stepping motor models.
● Motor cable(optional)
B
L:m
(feet)
Part number
10
(32.81)
PM-C03P1000-05
5
(16.40)
PM-C03P0500-05
3
(9.84)
PM-C03P0300-05
1
(3.28)
PM-C03P0100-05
Leadwire
600V vinyl cab tire cable
3-core AWG16
(1.25mm2)
Housing
1-178128-2
(AMP)
Contact
1-175218-5
(AMP)
Round-type crimp contact 1.25M4
(J.S.T. Mfg Co.)
Connector type
Housing
Contact
Applicable motor flange size
● AC power connector
1-178128-2
(AMP)
1-175218-5
(AMP)
─
● Motor connector
1-178128-6
(AMP)
1-175216-5
(AMP)
□ 28mm
(□ 1.10inch), □ 42mm(□ 1.65inch)
1-178128-6
(AMP)
1-175217-5
(AMP)
□ 60mm
(□ 2.35inch), φ 86mm(φ 3.39inch)
1-178128-6
(AMP)
1-175218-5
(AMP)
φ 106mm
(φ 4.17inch)
● I/Osignalconnector
10314-52A0-008
(3M)
10114-3000PE
(3M)
─
■ Bundled connectors(setmodelsonly)
1
2
3
● Cables 10m(32.81 feet)or longer are available
upon request.
L:m
(feet)
Part number
10
(32.81)
PM-C06M1000-11
5
(16.40)
PM-C06M0500-11
3
(9.84)
PM-C06M0300-11
1
(3.28)
PM-C06M0100-11
L:m
(feet)
Part number
2
(6.56)
PM-C14S0200-03
1
(3.28)
PM-C14S0100-03
● Cables 10m(32.81 feet)or longer are available
upon request.
Leadwire
600V vinyl cab tire cable
6-core AWG16
(0.75mm2)
Housing
1-178128-6
(AMP)
Contact
1-175218-5
(AMP)
Leadwire
7-pair PVCshieldedcable
AWG28
(0.08mm2)
Shell
10314-52A0-008
(3M)
Plug
10114-3000PE
(3M)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com