Electronic Components Datasheet Search
  English  ▼

X  

TDA8933T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8933T
Description  Class-D audio amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8933T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8933T Datasheet HTML 17Page - NXP Semiconductors TDA8933T Datasheet HTML 18Page - NXP Semiconductors TDA8933T Datasheet HTML 19Page - NXP Semiconductors TDA8933T Datasheet HTML 20Page - NXP Semiconductors TDA8933T Datasheet HTML 21Page - NXP Semiconductors TDA8933T Datasheet HTML 22Page - NXP Semiconductors TDA8933T Datasheet HTML 23Page - NXP Semiconductors TDA8933T Datasheet HTML 24Page - NXP Semiconductors TDA8933T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
TDA8933_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 May 2007
21 of 47
NXP Semiconductors
TDA8933
Class-D audio amplifier
13. Dynamic characteristics
Table 11.
Switching characteristics
VP = 25 V; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Internal oscillator
fosc
oscillator frequency
Rosc = 39 kΩ
-
320
-
kHz
range
300
-
500
kHz
Timing PWM output: pins OUT1 and OUT2
tr
rise time
IO = 0 A
-
10
-
ns
tf
fall time
IO = 0 A
-
10
-
ns
tw(min)
minimum pulse width
IO = 0 A
-
80
-
ns
Table 12.
SE characteristics
VP = 25 V, RL = 2 × 8 Ω, fi = 1 kHz, fosc = 320 kHz, RS < 0.1 Ω [6] and Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Po(RMS)
RMS output power
continuous time output power
per channel
[1]
RL = 4 Ω; VP = 17 V
THD+N = 0.5 %, fi = 1 kHz
5.9
6.5
-
W
THD+N = 0.5 %, fi = 100 Hz
-
6.5
-
W
THD+N = 10 %, fi = 1 kHz
7.5
8.3
-
W
THD+N = 10 %, fi = 100 Hz
-
8.3
-
W
RL = 8 Ω; VP = 25 V
THD+N = 0.5 %, fi = 1 kHz
7.3
8.1
-
W
THD+N = 0.5 %, fi = 100 Hz
-
8.1
-
W
THD+N = 10 %, fi = 1 kHz
9.3
10.3
-
W
THD+N = 10 %, fi = 100 Hz
-
10.3
-
W
short time output power per
channel; THD+N = 10 %,
see Figure 23 for details
[2]
RL = 8 Ω; VP = 31 V
THD+N = 0.5 %
11.2
12.4
-
W
THD+N = 10 %
14.1
15.7
-
W
THD+N
total harmonic
distortion-plus-noise
Po = 1 W
[3]
fi = 1 kHz
-
0.011
0.1
%
fi = 6 kHz
-
0.06
0.1
%
Gv(cl)
closed-loop voltage gain
Vi =100 mV; no load
29
30
31
dB
|
∆GV|
voltage gain difference
-
0.5
1
dB
αcs
channel separation
Po = 1 W; fi = 1 kHz
70
80
-
dB
SVRR
supply voltage ripple
rejection
Operating mode
[4]
fi = 100 Hz
-
60
-
dB
fi = 1 kHz
40
50
-
dB
|Zi|
input impedance
differential
70
100
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com