Electronic Components Datasheet Search
  English  ▼

X  

SPBT2532C2.AT Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPBT2532C2.AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 6Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 7Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 8Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 9Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 10Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 11Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 12Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 13Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Electrical characteristics
SPBT2532C2.AT
10/48
Doc ID 16089 Rev 3
4.3
Power consumption
●
CPU 32 MHz
●
UART supports up to 921 Kbps
●
Data throughput up to 2 Mbps
4.4
DC I/O specification
Table 3.
High speed CPU mode
Modes
Avg
Unit
Typical power consumption
ACL data 115 KBaud UART at max throughput (Master)
41.0
mA
ACL data 115 KBaud UART at max throughput (Slave)
41.0
mA
Connection, no data traffic, master
28.9
mA
Connection, no data traffic, slave
34.5
mA
Standby, and page/inquiry scan, without deep sleep
28.0
mA
Standby, and page/inquiry scan, with deep sleep
3.1
mA
Connection, sniff 375ms (600 slots), master
4.2
mA
Connection, sniff 375ms (600 slots), slave
8.1
mA
Table 4.
DC input / output specification
Symbol
Parameter
Conditions
Min
Max
Unit
VIL
Low-level input voltage
VIN = 3.0 V (pin 8)
-
0.9
V
VIH
High-level input voltage
VIN = 3.0 V (pin 8)
2.1
-
VOL
Low-level output voltage
VIN = 3.0 V (pin 8)
-
0.4
VOH
High-level output voltage
VIN = 3.0 V (pin 8)
2.2
-
IOL
Low-level output current
VOL = 0.4 V
-
4.0
mA
IOH
High-level output current
VOH = 2.2 V
-
4.0
RPU
Pull-up resistor
Resistor turned on
80
120
k
Ω
RPD
Pull-down resistor
Resistor turned on
80
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com