Electronic Components Datasheet Search
  English  ▼

X  

FSM551D Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSM551D
Description  5-PHASE STEPPING SYSTEMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSM551D Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSM551D Datasheet HTML 1Page - Sanyo Semicon Device FSM551D Datasheet HTML 2Page - Sanyo Semicon Device FSM551D Datasheet HTML 3Page - Sanyo Semicon Device FSM551D Datasheet HTML 4Page - Sanyo Semicon Device FSM551D Datasheet HTML 5Page - Sanyo Semicon Device FSM551D Datasheet HTML 6Page - Sanyo Semicon Device FSM551D Datasheet HTML 7Page - Sanyo Semicon Device FSM551D Datasheet HTML 8Page - Sanyo Semicon Device FSM551D Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2
Controlpanel spaceisreduced
■ Volume is reducedbyupto50% forACinput typesand 45%for DC inputtypes compared
to current models.
3
Easy maintenance
■ 2-digit 7-segment LED displays
operating status and alarm for
easy troubleshooting and
faster system recovery.
4
50% reduction
for 200V types
Test run function
(JOG)
With built-in positioning function
On-board JOG operation function is available for testing motor
andamplifier connection withoutthe need to connecttohost
device.
Encoder I/F Control
With built-in positioning function
Motor stall detection is possible by connecting a motor encoder. 500P/
R
(1000/2000 multiplier function)line driver method.
PC-based setup monitor
With built-in positioning function
Parameterand programsettingscan be made from thebundled
setup software.
Capable of JOG operation
without connecting to host
device
PLC
F motor
Designate
program
number”1”
Load
Highly precise positioning
is possible
Parameter
(position, speed)
Program settings
AC input
AC input
DC input
AC input
AC input
AC input
AC input
AC input
DC input
45% reduction
for 24 V types
AC input
F motor
Tare weight
General-purpose I/O input
for positioning
With built-in positioning function
System positioningiseasilyexecutedbyusing general-purpose
I/Ofromanupper-level controller
(PLC)to designate preset
program numbers.
Compliance with
international standards
Thestandardspecification SANMOTIONFseries stepping
driver complies with UL and EN safety standards. Stepping
motors complying with UL and EN standards are available upon
request. EMC filters are also available to comply with the EMC
directive.
Brake control
Automatic brake activation timing control is available when
using electromagnetic brake motors.
• Internal power source for brake
(FP type)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com