Electronic Components Datasheet Search
  English  ▼

X  

FSM552D Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # FSM552D
Description  5-PHASE STEPPING SYSTEMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSM552D Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button FSM552D Datasheet HTML 2Page - Sanyo Semicon Device FSM552D Datasheet HTML 3Page - Sanyo Semicon Device FSM552D Datasheet HTML 4Page - Sanyo Semicon Device FSM552D Datasheet HTML 5Page - Sanyo Semicon Device FSM552D Datasheet HTML 6Page - Sanyo Semicon Device FSM552D Datasheet HTML 7Page - Sanyo Semicon Device FSM552D Datasheet HTML 8Page - Sanyo Semicon Device FSM552D Datasheet HTML 9Page - Sanyo Semicon Device FSM552D Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
9
5-phase STEPPING SYSTEMS
AC input
Part number convention
Thefollowing part number specifies asystemwithanFseries driver
(type code : FS1W075P)andasingle
shaftFseriesmotor
(type code:103F7851-7041),
□ 60mm(□ 2.36inch)square flange, and 46.5mm(1.83inch)
motor length, equipped with low-backlash gear
(reduction ratio of 1/3.6).
F
78
1
S - CX3.6
Stepping motor flange size
35
:□ 28mm( □ 1.10inch)  85:φ 86mm(φ 3.39inch)
55
:□ 42mm( □ 1.65inch)  89:φ 106mm(φ 4.17inch)
78
:□ 60mm( □ 2.36inch)
Stepping motor total length
Stepping motor shaft spec
S : Single shaft
 D : Double shaft
System spec
Code
Motor flange size
□ 28mm
(□ 1.10inch)
□ 42mm
(□ 1.65inch)
□ 60mm
(□ 2.36inch)
φ 86mm
(φ 3.39inch)
φ 106mm
(φ 4.17inch)
Type
code
Motorlength:
mm
(inch)
Type
code
Motor length :
mm
(inch)
Type
code
Motorlength:
mm
(inch)
Type
code
Motorlength:
mm
(inch)
Type
code
Motor length :
mm
(inch)
13505
31
(1.22)
5505
34
(1.34)
7851
46.5
(1.83) 8581
62.2
(2.45)
25508
40
(1.57)
7852
55
(2.17)
8582
92.2
(3.63) 89582 163.3(6.43)
37853
87.5
(3.44) 8583
125.9
(4.96) 89583 221.3
(8.71)
45510
49
(1.93)
63515
50.5
(1.99)
System type
ⅠⅡⅢ
(Flange side) (End cap side) (Reduction ratio)
Spur gear
G
──
Low-backlash gear
C
──
Harmonic gear
H
──
No system at Flange side
X
──
Electromagnetic brake
─
B
─
No system at End cap side
─
X
─
Gear ratio
──
3.6to100
▲
Ⅰ
▲
Ⅱ
▲
Ⅲ
(Flange side)(End cap side)
● Spur gear
● Low-backlash gear
● Harmonic gear
● Electromagnetic
FS : AC Power source Standard type
FP : AC Power positioning-function-included type
Stepping motor series name
F
:F series motor
M
:M series motor(CE/UL)
FS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com