Electronic Components Datasheet Search
  English  ▼

X  

MP1L00501035RL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MP1L00501035RL
Description  Contactless Linear Sensor - IP64 Debris Proof, Splash Proof
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP1L00501035RL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MP1L00501035RL Datasheet HTML 1Page - List of Unclassifed Manufacturers MP1L00501035RL Datasheet HTML 2Page - List of Unclassifed Manufacturers MP1L00501035RL Datasheet HTML 3Page - List of Unclassifed Manufacturers MP1L00501035RL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
spectrasymbol.com
(888) 795-2283
Page 4
Diagram - Stock Rotary MagnetoPot
How to Order - Rotary MagnetoPot
Electrical Schematic
Material Cross-Section
10K
(RIGHT BUS BAR)
PIN 3 (GND)
PIN 2
PIN 1 (V+)
(LEFT BUS BAR)
(COLLECTOR)
0.05 [0.002] 3M ADHESIVE
3.33 [0.131] TOTAL (±10%)
3.28 [0.129] CIRCUIT
0353
Active Angle
R
Model
R = Rotary
MP1
0046 = 45.57mm
0353 = 353°
0046
103
Resistance
103 = 10 KOhm
Center of
Active Track
Connectors
ST = Solder Tab
MP = Male Pins
RH = Receptacles w/Plain Housing
RL = Receptacles w/Latch Housing
RD = Receptacles w/Detent Housing
ST
5%
Ind. Linearity
5% = ±5%
Series
MP1 = MagnetoPot
6.08 [0.239]
(TYP)
79.01 [3.111]
4.83 [0.190]
ACTIVE WIDTH
R12.70 [R0.500]
THRU
R32.87 [R1.294]
OUTER DIAMETER
353°
ACTIVE
ANGLE
10.16 [0.400]
PIN 1
Ø45.57 [Ø1.794]
CENTER OF TRACK
2xR1.59 [R0.062]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com