Electronic Components Datasheet Search
  English  ▼

X  

2SJ412 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ412
Description  DC-DC Converter, Relay Drive and Motor Drive Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ412 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ412 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ412 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ412 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ412 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ412 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ412 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SJ412
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-π-MOSV)
2SJ412
DC-DC Converter, Relay Drive and Motor Drive
Applications
• 4-V gate drive
• Low drain-source ON resistance: RDS (ON) = 0.15 Ω (typ.)
• High forward transfer admittance: |Yfs| = 7.7 S (typ.)
• Low leakage current: IDSS = −100 μA (max) (VDS = −100 V)
• Enhancement mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−100
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−100
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−16
Drain current
Pulse (Note 1)
IDP
−64
A
Drain power dissipation (Tc = 25°C)
PD
60
W
Single pulse avalanche energy
(Note 2)
EAS
292
mJ
Avalanche current
IAR
−16
A
Repetitive avalanche energy (Note 3)
EAR
6
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage,
etc.) are within the absolute maximum ratings. Please design the
appropriate reliability upon reviewing the Toshiba Semiconductor
Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
2.08
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
83.3
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = −25 V, Tch = 25°C (initial), L = 1.84 mH, RG = 25 Ω, IAR = −16 A
Note 3: Repetitive rating: pulse width limited by maximum junction temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-10S1B
Weight: 1.5 g (typ.)
JEDEC
―
JEITA
―
TOSHIBA
2-10S2B
Weight: 1.5 g (typ.)


Similar Part No. - 2SJ412

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ412 TOSHIBA-2SJ412 Datasheet
291Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
26-May-1999
2SJ412 TOSHIBA-2SJ412 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SJ412

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
DC-DC Converter Relay Drive and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_07 Datasheet
729Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_10 Datasheet
411Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380_09 Datasheet
235Kb / 6P
Relay Drive, DC-DC Converter and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
DC-DC Converter, Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
Relay Drive, DC-DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com