Electronic Components Datasheet Search
  English  ▼

X  

ELL5PS2R2M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELL5PS2R2M
Description  SMD Choke Coils
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL5PS2R2M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELL5PS2R2M Datasheet HTML 1Page - Panasonic Semiconductor ELL5PS2R2M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
Quantity 2000 pcs./reel
Tape running direction
A-A
,
Section
2.1
±0.3
2.00
±0.05
8.0
±0.1
φ1.5
±0.1
4.0
±0.1
2.75
±0.10
2.75
±0.10
C1.0
C1.5
4–C0.3
4–R0.5 max.
2–C0.8
0.4
±0.1
4
° max.
R0.3
max.
5.5
±0.1
A’
A
0.3
0.3
■ Standard Parts
■ Embossed Carrier Tape Dimensions in mm (not to scale)
Part Number
Inductance
(100 kHz)
RDC
(at 20 °C)
✽Rated Current
(mA max.)
Marking
(µH)
Tol.
(m )
Tol.
ELL5PS1R2N
1.2
±30 %
22
±20 %
2500
1R2
ELL5PS1R5N
1.5
28
2400
1R5
ELL5PS2R2N
2.2
34
2100
2R2
ELL5PS2R7N
2.7
40
2000
2R7
ELL5PS3R3N
3.3
46
1900
3R3
ELL5PS4R7N
4.7
61
1500
4R7
ELL5PS100M
10.0
±20 %
120
1000
100
ELL5PS150M
15.0
170790
150
ELL5PS220M
22.0
290
650
220
ELL5PS330M
33.0
470
490
330
ELL5PS470M
47.0
620
450
470
ELL5PS560M
56.0
680430
560
ELL5PS680M
68.0
750380
680
ELL5PS820M
82.0
1160
340
820
ELL5PS101M
100.0
1320
300
101
✽ Current: This indicates the value of current when the inductance is 70 % of nominal value or when case temperature has risen 45 °C (at 20 °C)
Jan. 2008



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com