Electronic Components Datasheet Search
  English  ▼

X  

MC68HC11F1CPU3 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MC68HC11F1CPU3
Description  MC68HC11F1 Technical Data
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11F1CPU3 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MC68HC11F1CPU3 Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC11F1CPU3 Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC11F1CPU3 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC11F1CPU3 Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC11F1CPU3 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC11F1CPU3 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC11F1CPU3 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC11F1CPU3 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC11F1CPU3 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 158 page
background image
RESETS AND INTERRUPTS
TECHNICAL DATA
5-11
The illegal opcode trap mechanism works for all unimplemented opcodes on all four
opcode map pages. The address stacked as the return address for the illegal opcode
interrupt is the address of the first byte of the illegal opcode. Otherwise, it would be
almost impossible to determine whether the illegal opcode had been one or two bytes.
The stacked return address can be used as a pointer to the illegal opcode so the illegal
opcode service routine can evaluate the offending opcode.
5.4.4 Software Interrupt
SWI is an instruction, and thus cannot be interrupted until complete. SWI is not inhib-
ited by the global mask bits in the CCR. Because execution of SWI sets the I mask bit,
once an SWI interrupt begins, other interrupts are inhibited until SWI is complete, or
until user software clears the I bit in the CCR.
5.4.5 Maskable Interrupts
The maskable interrupt structure of the MCU can be extended to include additional ex-
ternal interrupt sources through the IRQ pin. The default configuration of this pin is a
low-level sensitive wired-OR network. When an event triggers an interrupt, a software
accessible interrupt flag is set. When enabled, this flag causes a constant request for
interrupt service. After the flag is cleared, the service request is released.
5.4.6 Reset and Interrupt Processing
Figure 5-1 and Figure 5-3 illustrate the reset and interrupt process. Figure 5-1 illus-
trates how the CPU begins from a reset and how interrupt detection relates to normal
opcode fetches. Figure 5-3 is an expansion of a block in Figure 5-1 and illustrates in-
terrupt priorities. Figure 5-5 shows the resolution of interrupt sources within the SCI
subsystem.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com