Electronic Components Datasheet Search
  English  ▼

X  

1N4933 Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # 1N4933
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

1N4933 Datasheet(HTML) 2 Page - Zowie Technology Corporation

  1N4933 Datasheet HTML 1Page - Zowie Technology Corporation 1N4933 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N4933 THRU 1N4937
Zowie Technology Corporation
REV. : 0
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.2
1.0
0.8
0.6
0.4
0.2
0.10
1.00
10.00
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0
25
50
75
100
125
150
175
60Hz
RESISTIVE OR
INDUCTIVE LOAD
PULSE WIDTH=300uS
1% DUTY CYCLE
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
0.375" (9.5mm) LEAD LENGTH
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
10
20
30
40
50
1
10
100
TJ
= 25
oC
FIG.5 - TYPICAL JUNCTION CAPACITANCE
FIG.5 - TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
TJ
= 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
2
4
10
6
20
60
100
OR EQUIVALENT IN PARALLEL
R1 - ADJUSTED FOR 1.4 BETWEEN
PONT 2 OF RELAY AND RECTIFIER
INDUCTIVE = 3.8uH
R2 - TEN - 1 W 10
% CARBON CORE
TA = 25
FOR RECTIFIER
IFM1.0
i ( t ) di/dt = 50A/us
0
IRM(REV)
trr
SET TIME BASE FOR
50/100 nS/cm
115 Va
60 HZ
10 K
2 W
1
2
3
4
5
6
7
8
38uH/1.4
C.P. CLARE
HPG 1002
30 Vdc
CONSTANT VOLTAGE
SUPPLY
MINIMIZE ALL LEAD LENGTHS
1 AMP
SLO-BLO
FUSE
1.0Adc FROM
CONSTANT
VOLTAGE SUPPLY
RIPPLE=3mVrms MAX.
Zout 11/2 MAX.
DC to 2kHz
30
50W
NON-INDUCTIVE
UNIT
UNDER TEST
C 1
1.0 uF
300 V
C 1
1.0uF
300V
R2
1
10W
NON-
INDUCTIVE
+10
o
C
-0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com