Electronic Components Datasheet Search
  English  ▼

X  

TL4242 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL4242
Description  ADJUSTABLE LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL4242 Datasheet(HTML) 2 Page - Texas Instruments

  TL4242 Datasheet HTML 1Page - Texas Instruments TL4242 Datasheet HTML 2Page - Texas Instruments TL4242 Datasheet HTML 3Page - Texas Instruments TL4242 Datasheet HTML 4Page - Texas Instruments TL4242 Datasheet HTML 5Page - Texas Instruments TL4242 Datasheet HTML 6Page - Texas Instruments TL4242 Datasheet HTML 7Page - Texas Instruments TL4242 Datasheet HTML 8Page - Texas Instruments TL4242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Q
I
GND
PWM
ST
REF
D
Bias Supply
Bandgap
Reference
Comparator
+
−
Status
Delay
8
4
5
6
3
2
1
TL4242
SLVS641A – APRIL 2008 – REVISED MAY 2009 .............................................................................................................................................................. www.ti.com
TERMINAL FUNCTIONS
NO.
NAME
DESCRIPTION
1
PWM
Pulse-width modulation input. If not used, connect to I.
2
ST
Status output. Open-collector output. Connect to an external pullup resistor (RPULLUP ≥ 4.7 kΩ).
3
GND
Ground
4
REF
Reference input. Connect to a shunt resistor.
5
D
Status delay. To set status reaction delay, connect to GND with a capacitor. If no delay is needed, leave open.
6
Q
Output
7
NC
No internal connection
8
I
Input. Connect directly to GND as close as possible to the device with a 100-nF ceramic capacitor.
Thermal
The thermal pad must be soldered directly to the PCB. It may be connected to ground or left floating.
Pad
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com