Electronic Components Datasheet Search
  English  ▼

X  

TPC6103 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC6103
Description  Notebook PC Applications Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6103 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC6103 Datasheet HTML 1Page - Toshiba Semiconductor TPC6103 Datasheet HTML 2Page - Toshiba Semiconductor TPC6103 Datasheet HTML 3Page - Toshiba Semiconductor TPC6103 Datasheet HTML 4Page - Toshiba Semiconductor TPC6103 Datasheet HTML 5Page - Toshiba Semiconductor TPC6103 Datasheet HTML 6Page - Toshiba Semiconductor TPC6103 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC6103
2006-11-16
5
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
Total gate charge Qg (nC)
Dynamic input/output characteristics
10
100
1000
10000
−0.1
−1
−10
−100
Crss
Coss
Ciss
Common source
Ta
= 25°C
f
= 1 MHz
VGS = 0 V
−0.3
−3
−30
30
300
3000
0
−0.5
−1.5
−2.0
−80
−40
0
40
80
160
Common source
VDS = −10 V
ID = −200 µA
Pulse test
120
−1.0
−1
−10
0
0.4
0.8
1.2
1.6
2.0
−100
Common source
Ta
= 25°C
Pulse test
−2.0
−1
VGS = 0 V
−4.5
−3
−30
−1.8
0
0
0.5
1
1.5
2
2.5
40
80
120
160
(1) Device mounted on a
glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a
glass-epoxy board (b)
(Note 2b)
(1) t
= 5 s
(2) t
= 5 s
(1) DC
(2) DC
160
0
40
80
120
−80
−40
0
40
80
160
120
Common source
Pulse test
VGS = −1.8 V
ID = −1.4A
−2.8 A
ID = −1.4A
−5.5 A
−2.8 A
ID = −1.4 A, −2.8 A, −5.5 A
−2.5 V
−4.5 V
0
08
16
−4
−12
−20
0
−2
−6
−10
−8
24
32
40
−8
−16
−4
−5 V
VDD = −10 V
VGS
VDD = −10 V
−5
−2.5 V
−2.5 V
Common source
ID = −5.5 A
Ta
= 25°C
Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com