Electronic Components Datasheet Search
  English  ▼

X  

TPC6104 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC6104
Description  Notebook PC Applications Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6104 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC6104 Datasheet HTML 1Page - Toshiba Semiconductor TPC6104 Datasheet HTML 2Page - Toshiba Semiconductor TPC6104 Datasheet HTML 3Page - Toshiba Semiconductor TPC6104 Datasheet HTML 4Page - Toshiba Semiconductor TPC6104 Datasheet HTML 5Page - Toshiba Semiconductor TPC6104 Datasheet HTML 6Page - Toshiba Semiconductor TPC6104 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC6104
2006-11-16
4
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
0
0
−1
−2
−3
−4
−5
−0.2
−0.4
−0.6
−1.0
Common source
Ta
= 25°C Pulse test
VGS = −1.4 V
−5
−0.8
−4
−3
−2.5 −2
−1.9
−1.8
−1.7
−1.6
−1.5
−5
0
−1
−2
−3
−4
−5
−2.5
VGS = −1.4 V
−3
0
−2
−4
−6
−8
−10
Common source
Ta
= 25°C Pulse test
−2.1
−2
−1.8
−1.6
0
−2
−4
−6
−8
−10
0
−0.5
−1
−1.5
−2
−2.5
Common source
VDS = −10 V
Pulse test
Ta
= −55°C
100°C
25°C
0
−0.2
−0.4
−0.6
−0.8
−1
0
−2
−4
−6
−8
−10
−1.1 A
−2.2 A
Common source
Ta
= 25°C
Pulse test
ID = −4.5 A
0.1
1
10
100
−0.1
−1
−10
−100
100°C
25°C
Ta
= −55°C
Common source
VDS = −10 V
Pulse test
0.3
3
30
−0.3
−3
−30
−4
10
1000
−0.1
−1
−10
−100
100
−2.5 V
VGS = −4.5 V
−1.8 V
Common source
Ta
= 25°C
Pulse test
30
300
−0.3
−3
−30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com