Electronic Components Datasheet Search
  English  ▼

X  

TPC8014 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8014
Description  Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8014 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8014 Datasheet HTML 1Page - Toshiba Semiconductor TPC8014 Datasheet HTML 2Page - Toshiba Semiconductor TPC8014 Datasheet HTML 3Page - Toshiba Semiconductor TPC8014 Datasheet HTML 4Page - Toshiba Semiconductor TPC8014 Datasheet HTML 5Page - Toshiba Semiconductor TPC8014 Datasheet HTML 6Page - Toshiba Semiconductor TPC8014 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8014
2007-01-15
5
−80
−40
0
40
80
160
120
0
5
10
25
15
20
Common source
Pulse test
VGS = 4.5 V
ID = 11, 5.5, 2.5 A
10
ID = 11, 5.5, 2.5 A
RDS (ON) – Ta (α)
Ambient temperature Ta (°C)
IDR – VDS
Drain-source voltage VDS (V)
Vth – Ta
Ambient temperature Ta (°C)
Capacitance – VDS
Drain-source voltage VDS (V)
PD – Ta
Ambient temperature Ta (°C)
0
0
0.4
0.8
1.2
1.6
2
50
100
150
200
(1) Device mounted on a
glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a
glass-epoxy board (b)
(Note 2b)
t
= 10 s
(1)
(2)
Dynamic input/output characteristics
Total gate charge Qg (nC)
0.1
1
10
100
10
100
1000
10000
Crss
Coss
Ciss
Common source
VGS = 10 V
ID = 1 mA
Pulse test
0.1
1
10
0
0.4
0.6
0.8
1.2
0.2
100
1
Common source
Ta
= 25°C
Pulse test
3
1
5
10
VGS = 10 V
−80
−40
0
40
80
120
0
1
3
2
Common source
VDS = 10 V
ID = 1 mA
Pulse test
0.5
1.5
2.5
0
15
10
20
30
5
25
010
20
30
Common source
Ta
= 25°C
ID = 11 A
Pulse test
VDS
VDD = 24 V
40
50
60
12
6
VDD = 24 V
6
12
0
15
10
20
30
5
25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com