Electronic Components Datasheet Search
  English  ▼

X  

TPCS8205 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCS8205
Description  Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8205 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCS8205 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8205 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCS8205
2007-01-16
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
⎯
⎯
±10
μA
Drain cut-OFF current
IDSS
VDS = 20 V, VGS = 0 V
⎯
⎯
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
20
⎯
⎯
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −12 V
8
⎯
⎯
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 200 μA
0.5
⎯
1.2
V
RDS (ON)
VGS = 2.0 V, ID = 3.5 A
⎯
60
90
RDS (ON)
VGS = 2.5 V, ID = 3.5 A
⎯
40
60
Drain-source ON resistance
RDS (ON)
VGS = 4 V, ID = 4 A
⎯
30
45
mΩ
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
5
10
⎯
S
Input capacitance
Ciss
⎯
760
⎯
pF
Reverse transfer capacitance
Crss
⎯
110
⎯
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
⎯
130
⎯
pF
Rise time
tr
⎯
7
⎯
Turn-ON time
ton
⎯
13
⎯
Fall time
tf
⎯
13
⎯
Switching time
Turn-OFF time
toff
⎯
49
⎯
ns
Total gate charge
(gate-source plus gate-drain)
Qg
⎯
11
⎯
nC
Gate-source charge
Qgs
⎯
8
⎯
nC
Gate-drain (“miller”) charge
Qgd
VDD ≈ 16 V, VGS = 5 V, ID = 5 A
⎯
3
⎯
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse
current
Pulse (Note 1)
IDRP
—
—
—
20
A
Forward voltage (diode)
VDSF
IDR = 5 A, VGS = 0 V
—
—
−1.2
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com