Electronic Components Datasheet Search
  English  ▼

X  

BAT54HT1 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # BAT54HT1
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAT54HT1 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BAT54HT1 Datasheet HTML 1Page - Zowie Technology Corporation BAT54HT1 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT54HT1
SURFACE MOUNT SCHOTTKY BARRIER DIODES
Reverse Breakdown Voltage - 30 Volts
Peak Forward Current - 200mA
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
SYMBOLS
SYMBOLS
Zowie Technology Corporation
REV. : 0
SOD-323
*Dimensions in inches and (millimeters)
0.016(0.40)
0.010(0.25)
0.007(0.18)
0.004(0.09)
NOTE 3
0.004(0.10)
0.000(0.00)
0.006(0.150)
CATHODE
ANODE
0.039(1.00)
0.031(0.80)
REF.
0.053(1.35)
0.045(1.15)
0.063(1.60)
0.071(1.80)
0.106(2.70)
0.091(2.30)
1
1
1
2
2
2
0.033(0.83)
0.063(1.60)
0.112(2.85)
0.025(0.63)
Soldering Footprint
These Schottky barrier diodes are designed for high speed
switching applications,circuit protection,and voltage clamping.
Extremely low forward voltage reduces conduction loss. Minia-
ture surface mount package is excellent for hand held and
portable applications where space is limited.
* Extremely Fast Switching Speed
* Low Forward Voltage - 0.35 Volts (Typ) @ IF = 10mAdc
* Device Marking : JV
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. LEAD THICKNESS SPECIFIED PER L/F DRAWING WITH SOLDER PLATING.
MAXIMUM RATINGS
Continuous Reverse Voltage
THERMAL CHARACTERISTICS
CHARACTERISTIC
Total Device Dissipation FR-5 Board, TA=25
oC
Derate above 25
oC
Thermal Resistance Junction to Ambient
Junction and Storage Temperature
ELECTRICAL CHARACTERISTICS ( TA=25
o
C unless otherwise noted )
Reverse Voltage Leakage Current
Forward Voltage
Junction Capacitance
Reverse Recovery Time
( VR=25Vdc )
( IF=0.1mAdc )
( IF=1.0mAdc )
( IF=10mAdc )
( IF=30mAdc )
( IF=100mAdc )
( VR=1.0V , f = 1.0MHz )
( IF=IR=10mAdc, IR(REC) = 1.0mAdc
VR
PD
R JA
TJ, TSTG
IR
VF
CJ
trr
VALUE
30
UNITS
UNITS
UNITS
Vdc
MAX.
200
1.57
635
150
mW
mW /
oC
oC / W
oC
MIN.
MAX.
-
2.0
uAdc
Reverse Breakdown Voltage
( IR=10uA )
V( BR )
30
-
Vdc
-
-
-
-
-
0.24
0.32
0.40
0.50
1.00
Vdc
-
10
5.0
-
TYP.
0.5
Forward Current ( DC )
IF
-
200
mAdc
-
Repetitive Peak Forward Current
IFRM
-
300
mAdc
-
Non-Repetitive Peak Forward Current ( t < 1.0 s)
IFRM
-
600
mAdc
-
-
0.22
0.29
0.35
0.41
0.52
7.6
-
pF
nS
CHARACTERISTIC


Similar Part No. - BAT54HT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAT54HT1 ONSEMI-BAT54HT1 Datasheet
46Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 3
logo
Leshan Radio Company
BAT54HT1 LRC-BAT54HT1 Datasheet
61Kb / 2P
Schottky Barrier Diodes
logo
Guangdong Kexin Industr...
BAT54HT1 KEXIN-BAT54HT1 Datasheet
35Kb / 1P
Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
BAT54HT1 SUNMATE-BAT54HT1 Datasheet
323Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
46Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 3
More results

Similar Description - BAT54HT1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com