Electronic Components Datasheet Search
  English  ▼

X  

DS1643-85 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1643-85
Description  Nonvolatile Timekeeping RAMs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1643-85 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1643-85 Datasheet HTML 1Page - Maxim Integrated Products DS1643-85 Datasheet HTML 2Page - Maxim Integrated Products DS1643-85 Datasheet HTML 3Page - Maxim Integrated Products DS1643-85 Datasheet HTML 4Page - Maxim Integrated Products DS1643-85 Datasheet HTML 5Page - Maxim Integrated Products DS1643-85 Datasheet HTML 6Page - Maxim Integrated Products DS1643-85 Datasheet HTML 7Page - Maxim Integrated Products DS1643-85 Datasheet HTML 8Page - Maxim Integrated Products DS1643-85 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS1643/DS1643P
2 of 17
PIN DESCRIPTION
PIN
PDIP
PowerCap
NAME
FUNCTION
1
1, 2, 3,
31–34
N.C.
No Connection
2
30
A12
3
25
A7
4
24
A6
5
23
A5
6
22
A4
7
21
A3
8
20
A2
9
19
A1
10
18
A0
21
28
A10
23
29
A11
24
27
A9
25
26
A8
Address Inputs
11
16
DQ0
12
15
DQ1
13
14
DQ2
15
13
DQ3
16
12
DQ4
17
11
DQ5
18
10
DQ6
19
9
DQ7
Data Input/Output
20
8
CE
Active-Low Chip-Enable Input
22
7
OE
Active-Low Output-Enable Input
26
—
CE2
Chip-Enable 2 Input (Active High)
27
6
WE
Active-Low Write-Enable Input
28
5
VCC
Power-Supply Input
—
4
PFO
Active-Low Power-Fail Output. This open-drain pin requires a
pullup resistor for proper operation.
14
17
GND
Ground
—
X1, X2,
VBAT
Crystal Connection, Battery Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com