Electronic Components Datasheet Search
  English  ▼

X  

BAV70 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # BAV70
Description  MONOLITHIC DUAL SWITCHING DIODE COMMON CATHODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAV70 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BAV70 Datasheet HTML 1Page - Zowie Technology Corporation BAV70 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zowie Technology Corporation
Monolithic Dual Switching Diode
Common Cathode
BAV70
1
2
3
SOT-23
ANODE
ANODE
CATHODE
3
1
2
Rating
Symbol
Value
Unit
Characteristic
Symbol
Min.
Max.
Unit
Continuous Reverse Voltage
VR
70
Vdc
Peak Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM( surge )
500
mAdc
Characteristic
Symbol
Max.
Unit
Total Device Dissipation FR-5 Board
(1) TA=25
o
C
Derate above 25
o
C
PD
225
1.8
mW
mW /
oC
Total Device Dissipation Alumina Substrate,
(2) TA=25
o
C
Derate above 25
o
C
PD
VF
300
2.4
( IF=1.0 mAdc )
( IF=10 mAdc )
( IF=50 mAdc )
( IF=150 mAdc )
-
-
-
-
715
855
1000
1250
mW
mW /
oC
Thermal Resistance, Junction to Ambient
556
oC / W
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
DEVICE MARKING
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted) (EACH DIODE)
V(BR)
70
-
Vdc
mVdc
OFF CHARACTERISTICS
R JA
Thermal Resistance, Junction to Ambient
417
oC / W
R JA
Junction and Storage Temperature
Forward Voltage
IR
( VR=70 Vdc )
( VR=25 Vdc, TJ=150
o
C )
( VR=70 Vdc, TJ=150
o
C )
-
-
-
2.5
60
100
uAdc
Reverse Voltage Leakage Current
Reverse Breakdown Voltage
( IBR=100uAdc )
CJ
-
1.5
pF
Diode Capacitance
( VR=0, f=1.0MHZ )
trr
-
6.0
nS
Reverse Recovery Time
( IF=IR=10 mAdc, VR=5.0 Vdc, IR(REC)=1.0mAdc, RL=100
)
BAV70=A4
-55 to +150
oC
TJ,TSTG
(1) FR-5=1.0 x 0.75 x 0.062in.
(2) Alumina=0.4 x 0.3 x 0.024in. 99.5% alumina.
Zowie Technology Corporation
REV. : 0


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70 PHILIPS-BAV70 Datasheet
56Kb / 12P
High-speed double diode
1999 May 05
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAV70 TRSYS-BAV70 Datasheet
146Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
Dual Switching Diode Common Cathode
logo
Leshan Radio Company
BAV70LT1 LRC-BAV70LT1 Datasheet
27Kb / 1P
Monolithic Dual Switching Diode Common Cathode
LBAV70LT1 LRC-LBAV70LT1 Datasheet
62Kb / 3P
Monolithic Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70DXV6T1 ONSEMI-BAV70DXV6T1 Datasheet
92Kb / 8P
Monolithic Dual Switching Diode Common Cathode
March, 2006 ??Rev. 2
BAV70LT1 ONSEMI-BAV70LT1 Datasheet
55Kb / 4P
Monolithic Dual Switching Diode Common Cathode
November, 2001 ??Rev. 2
BAV70M3T5G ONSEMI-BAV70M3T5G Datasheet
122Kb / 4P
Dual Switching Diode Common Cathode
January, 2009 ??Rev. 0
logo
Yea Shin Technology Co....
BAV70 YEASHIN-BAV70 Datasheet
639Kb / 3P
Monolithic Dual Switching Diode Common Cathode
BAV70-A YEASHIN-BAV70-A Datasheet
655Kb / 3P
Monolithic Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70DXV6 ONSEMI-BAV70DXV6 Datasheet
62Kb / 4P
Monolithic Dual Switching Diode Common Cathode
April, 2015 ??Rev. 6
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com