Electronic Components Datasheet Search
  English  ▼

X  

BAV74 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # BAV74
Description  MONOLITHIC DUAL SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAV74 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BAV74 Datasheet HTML 1Page - Zowie Technology Corporation BAV74 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zowie Technology Corporation
Monolithic Dual Switching Diode
BAV74
1
2
3
SOT-23
ANODE
ANODE
CATHODE
3
1
2
Rating
Symbol
Value
Unit
Characteristic
Symbol
Min.
Max.
Unit
Continuous Reverse Voltage
VR
50
Vdc
Peak Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM( surge )
500
mAdc
Characteristic
Symbol
Max.
Unit
Total Device Dissipation FR-5 Board
(1) TA=25
o
C
Derate above 25
o
C
PD
225
1.8
mW
mW /
oC
Total Device Dissipation Alumina Substrate,
(2) TA=25
o
C
Derate above 25
o
C
PD
VF
300
2.4
-
1000
mW
mW /
oC
Thermal Resistance, Junction to Ambient
556
oC / W
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
DEVICE MARKING
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted) (EACH DIODE)
V(BR)
50
-
Vdc
mVdc
OFF CHARACTERISTICS
R JA
Thermal Resistance, Junction to Ambient
417
oC / W
R JA
Junction and Storage Temperature
Forward Voltage ( IF=100 mAdc )
IR
( VR=50 Vdc )
( VR=50 Vdc, TJ=125
o
C )
-
-
0.1
100
uAdc
Reverse Voltage Leakage Current
Reverse Breakdown Voltage
( IBR=5.0 uAdc )
CJ
-
2.0
pF
Diode Capacitance
( VR=0, f=1.0MHZ )
trr
-
4.0
nS
BAV74=JA
-55 to +150
oC
TJ,TSTG
Reverse Recovery Time
( IF=IR=10 mAdc, IR(REC=1.0mAdc, measured at IR=1.0mA RL=100
)
(1) FR-5=1.0 x 0.75 x 0.062in.
(2) Alumina=0.4 x 0.3 x 0.024in. 99.5% alumina.
Zowie Technology Corporation
REV. : 0


Similar Part No. - BAV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74 Datasheet
57Kb / 12P
High-speed double diode
1999 May 11
logo
Siemens Semiconductor G...
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Fairchild Semiconductor
BAV74 FAIRCHILD-BAV74 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
logo
Weitron Technology
BAV74 WEITRON-BAV74 Datasheet
177Kb / 3P
Surface Mount Switching Diode
More results

Similar Description - BAV74

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAV74LT1 MOTOROLA-BAV74LT1 Datasheet
72Kb / 4P
Monolithic Dual Switching Diode
logo
Zowie Technology Corpor...
MMBD2836 ZOWIE-MMBD2836 Datasheet
49Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE
logo
Leshan Radio Company
BAV170LT1 LRC-BAV170LT1 Datasheet
38Kb / 2P
Monolithic Dual Switching Diode
BAV74LT1 LRC-BAV74LT1 Datasheet
46Kb / 2P
Monolithic Dual Switching Diode
logo
Micro Commercial Compon...
MMBD6100 MCC-MMBD6100 Datasheet
290Kb / 2P
Monolithic Dual Switching Diode
logo
Zowie Technology Corpor...
MMBD2836G ZOWIE-MMBD2836G Datasheet
44Kb / 2P
Monolithic Dual Switching Diode
logo
ON Semiconductor
BAV74LT1G ONSEMI-BAV74LT1G Datasheet
122Kb / 3P
Monolithic Dual Switching Diode
August, 2009 ??Rev. 5
logo
Leshan Radio Company
LBAV70TT1G LRC-LBAV70TT1G_15 Datasheet
125Kb / 3P
Monolithic Dual Switching Diode
LBAW56DW1T1G LRC-LBAW56DW1T1G_15 Datasheet
165Kb / 3P
Monolithic Dual Switching Diode
logo
ON Semiconductor
MMBD6100LT1G ONSEMI-MMBD6100LT1G Datasheet
89Kb / 3P
Monolithic Dual Switching Diode
October, 2016 ??Rev. 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com