Electronic Components Datasheet Search
  English  ▼

X  

TPCF8402 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TPCF8402
Description  Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8402 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TPCF8402 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 9Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 10Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TPCF8402
2009-12-10
9
N-channel
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
0
0.1
Common source
Ta
= 25°C
Pulse test
-0.2
0.3
0.5
1
3
5
10
-0.6
-0.8
-1.2
VGS = 0 V
5.0
3.0
1.0
10
-0.4
-1.0
160
−40
0
40
80
120
−80
Common source
Pulse test
120
80
40
0
ID = 4A
2A
VGS = 10V
VGS = 4.5V
ID = 4, 2, 1A
1A
100
60
20
Drain-source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
0
1
3
−80
−40
0
40
80
120
160
Common source
VDS = 10 V
ID = 1mA
Pulse test
2
0.1
1
10
100
1000
1
3
5
10
30 50
100
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ciss
Coss
Crss
0.3
Ambient temperature Ta (°C)
PD – Ta
2.0
0.8
0
0
40
80
120
160
0.4
1.2
1.6
200
Device mounted on a glass-epoxy board (a) (Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Single-device operation (Note 3a)
(4) Single-device value at dual operation (Note 3b)
t=
5s
(1)
(2)
(3)
(4)
total gate charge Qg (nC)
Dynamic input/output
characteristics
0
4
8
Common source
ID = 4.0A
Ta
= 25°C
Pulse test
VDD = 24V
VDS
VGS
12
16
20
10
0
15
10
0
5
15
12
6
24
12
VDD = 6V
5
30
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com