Electronic Components Datasheet Search
  English  ▼

X  

BAV99 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # BAV99
Description  DUAL SERIES SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAV99 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BAV99 Datasheet HTML 1Page - Zowie Technology Corporation BAV99 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zowie Technology Corporation
Dual Series Switching Diode
BAV99
1
2
3
SOT-23
ANODE
CATHODE
CATHODE/ANODE
1
3
2
Rating
Symbol
Value
Unit
Characteristic
Symbol
Min.
Max.
Unit
Continuous Reverse Voltage
VR
70
Vdc
Repetitive Peak Reverse Voltage
VRRM
70
Vdc
Repetitive Peak Forward Current
IFRM
450
mAdc
Peak Forward Current
IF
215
mAdc
Average Rectifierd Forward Current
(1)
(averaged over any 20 ms period)
IF( AV )
715
mAdc
Peak Forward Surge Current
IFM( surge )
500
mAdc
Non-Repetitive Peak Forward Curretn
IFSM
2.0
1.0
0.5
t=1.0 uS
t=1.0 mS
t=1.0 S
A
Characteristic
Symbol
Max.
Unit
Total Device Dissipation FR-5 Board
(1) TA=25
o
C
Derate above 25
o
C
PD
225
1.8
mW
mW /
oC
Total Device Dissipation Alumina Substrate,
(2) TA=25
o
C
Derate above 25
o
C
PD
VF
300
2.4
( IF=1.0 mAdc )
( IF=10 mAdc )
( IF=50 mAdc )
( IF=150 mAdc )
-
-
-
-
715
855
1000
1250
mW
mW /
oC
Thermal Resistance, Junction to Ambient
556
oC / W
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
DEVICE MARKING
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted) (Continued) (EACH DIODE)
V(BR)
70
-
Vdc
mVdc
OFF CHARACTERISTICS
R JA
Thermal Resistance, Junction to Ambient
417
oC / W
R JA
Junction and Storage Temperature
Forward Voltage
IR
( VR=70 Vdc )
( VR=25 Vdc, TJ=150
o
C )
( VR=70 Vdc, TJ=150
o
C )
-
-
-
2.5
30
50
uAdc
Reverse Voltage Leakage Current
Reverse Breakdown Voltage ( IBR=100uAdc )
CJ
-
1.5
pF
Diode Capacitance ( VR=0, f=1.0MHZ )
trr
-
6.0
nS
VFR
-
1.75
Vdc
Forward Recovery Voltage ( IF=10 mAdc, tr=20nS )
BAV99=A7
-65 to +150
oC
TJ,TSTG
Reverse Recovery Time ( IF=IR=10 mAdc, IR(REC)=1.0mA, RL=50
)
(1) FR-5=1.0 x 0.75 x 0.062in.
(2) Alumina=0.4 x 0.3 x 0.024in. 99.5% alumina.
Zowie Technology Corporation
REV. : 0


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Rectron Semiconductor
BAV99 RECTRON-BAV99 Datasheet
14Kb / 2P
SMALL SIGNAL DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
Dual Series Switching Diode
LBAV99LT1 LRC-LBAV99LT1 Datasheet
109Kb / 3P
Dual Series Switching Diode
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
Dual Series Switching Diode
logo
WILLAS ELECTRONIC CORP
BAV99 WILLAS-BAV99 Datasheet
418Kb / 3P
Dual Series Switching Diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99 Datasheet
218Kb / 3P
Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1G LRC-LBAV99LT1G_15 Datasheet
95Kb / 4P
Dual Series Switching Diode
logo
CHENG-YI ELECTRONIC CO....
BAV99W-WS CHENG-YI-BAV99W-WS Datasheet
281Kb / 4P
DUAL SERIES SWITCHING DIODE
logo
ON Semiconductor
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
Dual series switching diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99_V01 Datasheet
769Kb / 3P
Dual Series Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com