Electronic Components Datasheet Search
  English  ▼

X  

DS31400GN Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS31400GN
Description  8-Input, 14-Output, Dual DPLL Timing IC with Sub-ps Output Jitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31400GN Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS31400GN Datasheet HTML 1Page - Maxim Integrated Products DS31400GN Datasheet HTML 2Page - Maxim Integrated Products DS31400GN Datasheet HTML 3Page - Maxim Integrated Products DS31400GN Datasheet HTML 4Page - Maxim Integrated Products DS31400GN Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS31400
________________________________________________________ Maxim Integrated Products
2
Application Example
DPLL1 Path
system timing
from master and slave
timing cards
IC1
DS31400
DPLL2 Path
IC2
19.44MHz, 38.88MHz,
25MHz, etc.
line timing
to master and slave
timing cards
8kHz, 19.44MHz,
38.88MHz, 25MHz, etc.
OC6
OC7
n
recovered line clocks from SERDES
SONET/SDH, 1GE, 10GE, OTN, FC etc.
frequencies can be unrelated to one another
155.52M, 622.08M, 25M,
125M, 156.25M, etc. with or
without fractional scaling for
FEC, 64B/66B, etc.
MANY other rates possible,
including DS1, E1, DS3, E3,
10M and Nx19.44M.
IC3 to IC8
n
3 unrelated frequencies simultaneously at <1ps rms jitter
plus other frequencies at somewhat higher jitter
clock monitoring and selection,
undo fractional scaling,
frequency conversion
clock monitoring and selection,
hitless switching, holdover, frequency
conversion, fractional scaling,
jitter attenuation
OC1 to OC5
clocks to line card SERDES
SONET/SDH, 1GE, 10GE, OTN, FC, etc.
ABRIDGED DATA SHEET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com