Electronic Components Datasheet Search
  English  ▼

X  

ICS291 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS291
Description  TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS291 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS291_10 Datasheet HTML 2Page - Integrated Device Technology ICS291_10 Datasheet HTML 3Page - Integrated Device Technology ICS291_10 Datasheet HTML 4Page - Integrated Device Technology ICS291_10 Datasheet HTML 5Page - Integrated Device Technology ICS291_10 Datasheet HTML 6Page - Integrated Device Technology ICS291_10 Datasheet HTML 7Page - Integrated Device Technology ICS291_10 Datasheet HTML 8Page - Integrated Device Technology ICS291_10 Datasheet HTML 9Page - Integrated Device Technology ICS291_10 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ICS291
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT™ / ICS™ TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER 8
ICS291
REV F 051310
Package Outline and Package Dimensions (20-pin TSSOP, 173 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
INDEX
AREA
1 2
24
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
.10 (.004)
C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
—
1.20
—
.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
6.40
6.60
0.252
0.260
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.450.75
.018.030
α
0
°
8
°
0
°
8
°
20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com