Electronic Components Datasheet Search
  English  ▼

X  

ICS501A Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS501A
Description  LOCO??PLL CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS501A Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS501A Datasheet HTML 1Page - Integrated Device Technology ICS501A Datasheet HTML 2Page - Integrated Device Technology ICS501A Datasheet HTML 3Page - Integrated Device Technology ICS501A Datasheet HTML 4Page - Integrated Device Technology ICS501A Datasheet HTML 5Page - Integrated Device Technology ICS501A Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ICS501A
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
5
ICS501A
REV E 092209
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
*NOTE: EOL for non-green parts to occur on 5/13/10 per PDN U-09-01
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result
from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any
circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
501AM*
501AM
Tubes
8-pin SOIC
0 to +70
° C
501AMT*
501AM
Tape and Reel
8-pin SOIC
0 to +70
° C
501AMLF
501AMLF
Tubes
8-pin SOIC
0 to +70
° C
501AMLFT
501AMLF
Tape and Reel
8-pin SOIC
0 to +70
° C
501AMI*
501AI
Tubes
8-pin SOIC
-40 to +85
° C
501AMIT*
501AI
Tape and Reel
8-pin SOIC
-40 to +85
° C
501A-DWF
-
Die on uncut, probed wafers
0 to +70
° C
501A-DPK
-
Tested die in waffle pack
0 to +70
° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51
.013.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50
.010.020
L
0.401.27
.016.050
α
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com