Electronic Components Datasheet Search
  English  ▼

X  

ICS726A Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS726A
Description  12 TO 36 MHZ 6TSOT VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS726A Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS726A Datasheet HTML 1Page - Integrated Device Technology ICS726A Datasheet HTML 2Page - Integrated Device Technology ICS726A Datasheet HTML 3Page - Integrated Device Technology ICS726A Datasheet HTML 4Page - Integrated Device Technology ICS726A Datasheet HTML 5Page - Integrated Device Technology ICS726A Datasheet HTML 6Page - Integrated Device Technology ICS726A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
12 TO 36 MHZ 6TSOT VCXO
ICS726A
IDT™ / ICS™ 12 TO 36 MHZ 6TSOT VCXO
1
ICS726A
REV D 051310
Description
Used in conjunction with an external pullable quartz crystal,
this monolithic integrated circuit replaces more costly
hybrid (canned) VCXO devices. The ICS726A is designed
primarily for data and clock recovery applications such as
ADSL modems, set-top box receivers, and telecom
systems.
The frequency of the on-chip VCXO is adjusted by an
external control voltage to the VIN pin. Since VIN is a high
impedance input, it can be driven directly from an PWM RC
integrator circuit. Frequency output increases with VIN
voltage input. The usable range of VIN is 0 to 3.3 V.
Features
• Uses an inexpensive 12 to 36 MHz external crystal
• Output frequency range of 12 to 36 MHz
• On-chip VCXO with guaranteed pull range of ±115 ppm
minimum
• VCXO tuning voltage 0 to 3.3 V
• Packaged in 6-pin TSOT
• Pb (lead) free package
Block Diagram
Voltage
Controlled
Crystal
Oscillator
12-36MHz
Pullable
Crystal
X1
X2
VIN
12-36MHz
VDD
GND


Similar Part No. - ICS726A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS726A IDT-ICS726A Datasheet
173Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A Datasheet
101Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A_12 Datasheet
101Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
More results

Similar Description - ICS726A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
logo
List of Unclassifed Man...
T73327 ETC-T73327 Datasheet
437Kb / 5P
15-36 MHz, 3.3V VCXO
logo
Integrated Circuit Syst...
ICS726 ICST-ICS726 Datasheet
118Kb / 6P
12 TO 36 MHZ SOT-23 VCXO
ICS3727XP ICST-ICS3727XP Datasheet
132Kb / 7P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
Revision 102004
logo
Integrated Device Techn...
ICS726A IDT-ICS726A Datasheet
173Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0215A TAI-SAW-TX0215A Datasheet
188Kb / 5P
7.0x5.0 36 MHz VCXO
logo
RF Monolithics, Inc
XVC5002 RFM-XVC5002 Datasheet
438Kb / 3P
122.88 MHz VCXO
logo
SiTime Corp.
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
80 MHz to 220 MHz MEMS VCXO
logo
Integrated Device Techn...
ICS726A IDT-ICS726A_12 Datasheet
101Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
logo
Renesas Technology Corp
MK3727D RENESAS-MK3727D Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com