Electronic Components Datasheet Search
  English  ▼

X  

HT68F04 Datasheet(PDF) 79 Page - Holtek Semiconductor Inc

Part # HT68F04
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F04 Datasheet(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT68F04 Datasheet HTML 75Page - Holtek Semiconductor Inc HT68F04 Datasheet HTML 76Page - Holtek Semiconductor Inc HT68F04 Datasheet HTML 77Page - Holtek Semiconductor Inc HT68F04 Datasheet HTML 78Page - Holtek Semiconductor Inc HT68F04 Datasheet HTML 79Page - Holtek Semiconductor Inc HT68F04 Datasheet HTML 80Page - Holtek Semiconductor Inc HT68F04 Datasheet HTML 81Page - Holtek Semiconductor Inc HT68F04 Datasheet HTML 82Page - Holtek Semiconductor Inc HT68F04 Datasheet HTML 83Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
79
April 16, 2010
¨ TM2C2 Register
Bit
76543210
Name
T2BM1
T2BM0
T2BIO1
T2BIO0
T2BOC
T2BPOL
T2PWM1
T2PWM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~6
T2BM1~T2BM0: Select TM2 CCRB Operating Mode
00: Compare Match Output Mode
01: Capture Input Mode
10: PWM Mode or Single Pulse Output Mode
11: Timer/Counter mode
These bits setup the required operating mode for the TM. To ensure reliable operation the TM
should be switched off before any changes are made to the T2BM1 and T2BM0 bits. In the
Timer/Counter Mode, the TM output pin control must be disabled.
Bit 5~4
T2BIO1~T2BIO0: Select TP2B output function
Compare Match Output Mode
00: No change
01: Output low
10: Output high
11: Toggle output
PWM Mode/Single Pulse Output Mode
00: Force inactive state
01: Force active state
10: PWM output
11: Single pulse output
Capture Input Mode
00: Input capture at rising edge of TP2B
01: Input capture at falling edge of TP2B
10: Input capture at falling/rising edge of TP2B
11: Input capture disabled
Timer/counter Mode
Unused
These two bits are used to determine how the TM output pin changes state when a certain
condition is reached. The function that these bits select depends upon in which mode the
TM is running.
In the Compare Match Output Mode, the T2BIO1 and T2BIO0 bits determine how the TM
output pin changes state when a compare match occurs from the Comparator A. The TM output
pin can be setup to switch high, switch low or to toggle its present state when a compare match
occurs from the Comparator A. When the bits are both zero, then no change will take place on
the output. The initial value of the TM output pin should be setup using the T2BOC bit in the
TM2C2 register. Note that the output level requested by the T2BIO1 and T2BIO0 bits must be
different from the initial value setup using the T2BOC bit otherwise no change will occur on the
TM output pin when a compare match occurs. After the TM output pin changes state it can be
reset to its initial level by changing the level of the T2ON bit from low to high.
Bit 3
T2BOC: TP2B Output control bit
Compare Match Output Mode
0: Initial low
1: Initial high
PWM Mode/ Single Pulse Output Mode
0: Active low
1: Active high
This is the output control bit for the TM output pin. Its operation depends upon whether TM is
being used in the Compare Match Output Mode or in the PWM Mode/ Single Pulse Output Mode.
It has no effect if the TM is in the Timer/Counter Mode. In the Compare Match Output Mode it
determines the logic level of the TM output pin before a compare match occurs. In the PWM
Mode it determines if the PWM signal is active high or active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com