Electronic Components Datasheet Search
  English  ▼

X  

HT45R22E Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT45R22E
Description  Remote Type 8-bit OTP MCU with EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R22E Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT45R22E Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
Block Diagram
The following block diagram illustrates the main functional blocks.
Pin Assignment
Note: Bracketed pin names indicate non-default pinout remapping locations.
HT45R22E
Rev. 1.00
2
March 17, 2010
8 - b i t
R I S C
M C U
C o r e
I / O
P o r t s
L C D
S C O M
R O M , R A M
M e m o r y
T i m i n g
G e r n e r a t i o n
P F D
D r i v e r
T i m e r
T i m e
B a s e
O P A x 2 ,
C o m p a r a t o r x 1
E E P R O M
1 0 2 4 x 8
H T 4 5 R 2 2 E
2 0 S O P - A
P A 4 / T C 1 / A 0 P
P A 3 / I N T / A 0 N
P A 2 / T C 0 / A 0 X
P A 1 / P F D / A 1 X
P A 0 / P F D / A 1 N
P C 6 / A 1 P
P C 7 / C P
P C 0 / C N
P C 1 / C X
P B 0 / S C O M 0 / W P
V S S
V D D
P A 5 / O S C 2
P A 6 / O S C 1
P A 7 / R E S
P C 5
P C 4
P B 3 / S C O M 3
P B 2 / S C O M 2 / S D A
P B 1 / S C O M 1 / S C L
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
H T 4 5 R 2 2 E
2 4 S O P - A
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
V S S
V D D
P A 5 / O S C 2
P A 6 / O S C 1
P A 7 / R E S
P C 5
P C 4
P C 3
P C 2
P B 5
P B 4
P B 3 / S C O M 3
P A 4 / T C 1 / A 0 P
P A 3 / I N T / A 0 N
P A 2 / T C 0 / A 0 X
P A 1 / P F D / A 1 X
P A 0 / P F D / A 1 N
P C 6 / A 1 P
P C 7 / C P
P C 0 / C N
P C 1 / C X
P B 0 / S C O M 0 / W P
P B 1 / S C O M 1 / S C L
P B 2 / S C O M 2 / S D A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com