Electronic Components Datasheet Search
  English  ▼

X  

HT56R23 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT56R23
Description  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R23 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT56R23 Datasheet HTML 45Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 46Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 47Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 48Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 49Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 50Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 51Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 52Page - Holtek Semiconductor Inc HT56R23 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 131 page
background image
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.00
49
March 11, 2010
b 7
T n E
T n O N
T n M 0
T n M 1
b 0
T M R n C R e g i s t e r ( n = 1 )
N o t i m p l e m e n t e d , r e a d a s " 0 "
E v e n t C o u n t e r a c t i v e e d g e s e l e c t
1 : c o u n t o n f a l l i n g e d g e
0 : c o u n t o n r i s i n g e d g e
P u l s e W i d t h M e a s u r e m e n t a c t i v e e d g e s e l e c t
1 : s t a r t c o u n t i n g o n r i s i n g e d g e , s t o p o n f a l l i n g e d g e
0 : s t a r t c o u n t i n g o n f a l l i n g e d g e , s t o p o n r i s i n g e d g e
T i m e r / E v e n t C o u n t e r c o u n t i n g e n a b l e
1 : e n a b l e
0 : d i s a b l e
T n M 1
0
0
1
1
T n M 0
0
1
0
1
n o m o d e a v a i l a b l e
e v e n t c o u n t e r m o d e
t i m e r m o d e
p u l s e w i d t h m e a s u r e m e n t m o d e
O p e r a t i n g m o d e s e l e c t
T i m e r c l o c k s o u r c e
1 : f S U B ( 3 2 7 6 8 H z o r 3 2 K R C )
0 : f S Y S / 4
T n S
Timer/Event Counter Control Register
- TMRnC
Timer Control Registers
-
TMR0C, TMR1C, TMR2C, TMR3C
The flexible features of the Holtek microcontroller
Timer/Event Counters enable them to operate in three
different modes, the options of which are determined by
the contents of their respective control register.
It is the Timer Control Register together with its corre-
sponding timer registers that control the full operation of
the Timer/Event Counters. Before the timers can be
used, it is essential that the appropriate Timer Control
Register is fully programmed with the right data to en-
sure its correct operation, a process that is normally car-
ried out during program initialisation.
To choose which of the three modes the timer is to oper-
ate in, either in the timer mode, the event counting mode
or the pulse width measurement mode, bits 7 and 6 of
the corresponding Timer Control Register, which are
known as the bit pair TnM1/TnM0, must be set to the re-
quired logic levels. The timer-on bit, which is bit 4 of the
Timer Control Register and known as TnON, depending
upon which timer is used, provides the basic on/off con-
trol of the respective timer. Setting the bit high allows the
counter to run, clearing the bit stops the counter. For
timers that have prescalers, bits 0~2 of the Timer Con-
trol Register determine the division ratio of the input
clock prescaler. The prescaler bit settings have no effect
if an external clock source is used. If the timer is in the
event count or pulse width measurement mode, the ac-
tive transition edge level type is selected by the logic
level of bit 3 of the Timer Control Register which is
known as TnE. An additional T1S bit in the 16-bit
Timer/Event Counter control register is used to deter-
mine the clock source for the Timer/Event Counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com