Electronic Components Datasheet Search
  English  ▼

X  

HT66FB40 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT66FB40
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FB40 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT66FB40 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Pin Description
With the exception of the power pins, all pins on these devices can be referenced by their Port name, e.g. PA.0, PA.1
etc, which refer to the digital I/O function of the pins. However these Port pins are also shared with other function such
as the Analog to Digital Converter, Serial Port pins, etc. The function of each pin is listed in the following tables, how-
ever the details behind how each pin is configured is contained in individual MCU and SPI to USB chip datasheet. The
important point to note here is that some I/O lines are not bonded to the external pins. Users should take special care of
these I/O port lines. Refer to the Hardware Considerations section for more details.
HT66FB30
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
¾
PB0~PB5
Port B
PBPU
ST
CMOS
¾
PC2~PC3
Port C
PCPU
ST
CMOS
¾
AN0~AN7
A/D converter input
ACERL
AN
¾
PA0~PA7
VREF
A/D converter reference input
ADCR1
AN
¾
PB5
C0-, C1-
Comparator 0, 1 input
CP0C
CP1C
AN
¾
PA3, PC3
C0+, C1+
Comparator 0, 1 input
AN
¾
PA2, PC2
C0X, C1X
Comparator 0, 1 output
¾
CMOS
PA0, PA5
TCK0, TCK1 TM0, TM1 input
¾
ST
¾
PA2, PA4
TP0_0
TM0 I/O
TMPC0
ST
CMOS
PA0
TP1A
TM1 I/O
TMPC0
ST
CMOS
PA1
INT0, INT1
External interrupt 0, 1
¾
ST
¾
PA3, PA4
PINT
Peripheral Interrupt ***
PRM0
ST
¾
PC3 or PC4
PCK
Peripheral Clock Output ***
PRM0
¾
CMOS
PC2 or PC5
SDI
SPI data input ***
PRM0
ST
¾
PA6 or PC0
SDO
SPI data output ***
PRM0
¾
CMOS
PA5 or PC1
SCS
SPI slave select ***
PRM0
ST
CMOS
PB5 or PC6
SCK
SPI serial clock ***
PRM0
ST
CMOS
PA7 or PC7
SCL
I
2
C clock
PRM0
ST
NMOS
PA7
SDA
I
2
C data
PRM0
ST
NMOS
PA6
OSC1
HXT/ERC pin
CO
HXT
¾
PB1
OSC2
HXT pin
CO
¾
HXT
PB2
XT1
LXT pin
CO
LXT
¾
PB3
XT2
LXT pin
CO
¾
LXT
PB4
RES
Reset input
CO
ST
¾
PB0
VDD
MCU power supply *
¾
PWR
¾¾
AVDD
A/D converter power supply *
¾
PWR
¾¾
VSS
MCU ground **
¾
PWR
¾¾
AVSS
A/D converter ground **
¾
PWR
¾¾
UDP
USB D+ pin
¾
ST
CMOS
¾
UDN
USB D- pin
¾
ST
CMOS
¾
HT66FB30/HT66FB40/HT66FB50/HT66FB60
Rev. 1.10
6
June 4, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com