Electronic Components Datasheet Search
  English  ▼

X  

HT66FB60 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT66FB60
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FB60 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT66FB60 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66FB60 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66FB60 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66FB60 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66FB60 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66FB60 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66FB60 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66FB60 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66FB60 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Application Circuits
Note:
²*² Recommended component for added ESD protection.
²**² Recommended component in environments where power line noise is significant.
HT66FB30/HT66FB40/HT66FB50/HT66FB60
Rev. 1.10
15
June 4, 2010
O S C 1
O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r s e c t i o n
i n M C U d a t a s h e e t
R E S
V D D
V S S
0 . 1 m F
R e s e t
C i r c u i t
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
3 0 0 W *
0 . 0 1 m F * *
1 N 4 1 4 8 *
I / O P o r t s
T M P i n s
I N T P i n s
S C O M P i n s
A n a l o g P i n s
X T 1
X T 2
O S C
C i r c u i t
V D D
V D D U
V 3 3 O
U D P
U D N
V S S U
U S B
A p p l i c a t i o n
C i r c u i t
S e e A p p l i c a t i o n C i r c u i t i n
U S B m o d u l e d a t a s h e e t
S e e O s c i l l a t o r s e c t i o n
i n M C U d a t a s h e e t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com