Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 154 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 154 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 150Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 151Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 152Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 153Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 154Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 155Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 156Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 157Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 158Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
154
June 4, 2010
I
2C Bus Communication
Communication on the I
2C bus requires four separate
steps, a START signal, a slave device address transmis-
sion, a data transmission and finally a STOP signal.
When a START signal is placed on the I
2C bus, all de-
vices on the bus will receive this signal and be notified of
the imminent arrival of data on the bus. The first seven
bits of the data will be the slave address with the first bit
being the MSB. If the address of the slave device
matches that of the transmitted address, the HAAS bit in
the SIMC1 register will be set and an I
2C interrupt will be
generated. After entering the interrupt service routine,
the slave device must first check the condition of the
HAAS bit to determine whether the interrupt source orig-
inates from an address match or from the completion of
an 8-bit data transfer. During a data transfer, note that
after the 7-bit slave address has been transmitted, the
following bit, which is the 8th bit, is the read/write bit
whose value will be placed in the SRW bit. This bit will
be checked by the slave device to determine whether to
go into transmit or receive mode. Before any transfer of
data to or from the I
2C bus, the microcontroller must in-
itialise the bus, the following are steps to achieve this:
Step 1
Set the SIM2~SIM0 and SIMEN bits in the SIMC0 regis-
ter to
²1² to enable the I2C bus.
Step 2
Write the slave address of the device to the I
2C bus ad-
dress register SIMA.
Step 3
Set the SIME and SIM Muti-Function interrupt enable bit
of the interrupt control register to enable the SIM inter-
rupt and Multi-function interrupt.
I
2C Bus Start Signal
The START signal can only be generated by the master
device connected to the I
2C bus and not by the slave de-
vice. This START signal will be detected by all devices
connected to the I
2C bus. When detected, this indicates
that the I
2C bus is busy and therefore the HBB bit will be
set. A START condition occurs when a high to low transi-
tion on the SDA line takes place when the SCL line re-
mains high.
Slave Address
The transmission of a START signal by the master will
be detected by all devices on the I
2C bus. To determine
which slave device the master wishes to communicate
with, the address of the slave device will be sent out im-
mediately following the START signal. All slave devices,
after receiving this 7-bit address data, will compare it
with their own 7-bit slave address. If the address sent
out by the master matches the internal address of the
microcontroller slave device, then an internal I
2C bus in-
terrupt signal will be generated. The next bit following
the address, which is the 8th bit, defines the read/write
status and will be saved to the SRW bit of the SIMC1
register. The slave device will then transmit an acknowl-
edge bit, which is a low level, as the 9th bit. The slave
device will also set the status flag HAAS when the ad-
dresses match.
As an I
2C bus interrupt can come from two sources,
when the program enters the interrupt subroutine, the
HAAS bit should be examined to see whether the inter-
rupt source has come from a matching slave address or
from the completion of a data byte transfer. When a
slave address is matched, the device must be placed in
either the transmit mode and then write data to the SIMD
register, or in the receive mode where it must implement
a dummy read from the SIMD register to release the
SCL line.
I
2C Bus Read/Write Signal
The SRW bit in the SIMC1 register defines whether the
slave device wishes to read data from the I
2C bus or
write data to the I
2C bus. The slave device should exam-
ine this bit to determine if it is to be a transmitter or a re-
ceiver. If the SRW flag is
²1² then this indicates that the
master device wishes to read data from the I
2C bus,
therefore the slave device must be setup to send data to
the I
2C bus as a transmitter. If the SRW flag is
²0² then
this indicates that the master wishes to send data to the
I
2C bus, therefore the slave device must be setup to
read data from the I
2C bus as a receiver.
I
2C Bus Slave Address Acknowledge Signal
After the master has transmitted a calling address, any
slave device on the I
2C bus, whose own internal address
matches the calling address, must generate an ac-
knowledge signal. The acknowledge signal will inform
S t a r t
W r i t e S l a v e
A d d r e s s t o S I M A
S E T S I M [ 2 : 0 ] = 1 1 0
S E T S I M E N
I 2 C B u s
I n t e r r u p t = ?
Y e s
N o
S E T S I M E a n d M F n E
W a i t f o r I n t e r r u p t
G o t o M a i n P r o g r a m
C L R S I M E
P o l l S I M F t o d e c i d e
w h e n t o g o t o I 2 C B u s I S R
G o t o M a i n P r o g r a m
I
2C Bus Initialisation Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com